Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 134 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 134 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
RIGHTFIFO
The Right-Channel DAC FIFO Status field indicates the current status of the FIFO for the
right-channel DAC. After reset, the default mode for this field is to report the number of
empty words available in the FIFO, so it indicates 10h (empty). By setting the DFS bit in
the TCDCBASIC register, this indication is reversed and the field reports the number of
valid words of data. The encoding of the field is the same as that shown for the
LEFTFIFO field.
DACSTATUS
The DAC Status bit indicates whether the DAC output stages are enabled, which may
occur due to remaining charge on the bypass capacitor. Software must check that this bit
has cleared before entering disabling the clock to the codec (or entering a low-power
mode that disables the clock).
0 – DAC off.
1 – DAC on.
20.10.3 Codec ADC Status Register (TCDCADCSTATUS)
The TCDCADCSTATUS register is a 16-bit, read-only register that indicates the current status of the ADC
FIFOs, ADCs, and ADC analog input stage. After ADC operation is enabled in the TCDCADCCLKn and
TCDCBASIC registers, the corresponding ADCnSTATUS bits will become set to indicate that the ADCs
are operational. The ADC FIFOs are unchanged while the ADCs are disabled. While the ADCs are
enabled, the FIFOs can be flushed by using the FLSADC bit in the TCDCBASIC register or by resetting
the codec using the Soft Reset bit (SFTRST bit in the TCDCDEBUG register). After reset, this register is
initialized to 1010h, which indicates the ADC FIFOs contain no valid words and the analog input stage is
powered down.
15
14
13
12
8 7
5 4
0
ADC2STATUS
ADC1STATUS
Reserved
ADC2FIFO
Reserved
ADC1FIFO
ADC1FIFO
The ADC1 FIFO Status field indicates the current status of the ADC1 FIFO. After reset,
the default mode for this field is to report the number of empty words in the FIFO, so it
indicates 10h (empty). By setting the AFS bit in the TCDCBASIC register, this indication
is reversed and the field reports the number of valid words of data, as shown below:
ADC FIFO STATUS
AFS BIT
DESCRIPTION
FIELD
00h
0
Full (16 valid words)
01h to 0Fh
0
15 to 1 valid words
10h
0
Empty (no valid data)
1Eh
0
Underrun error (read while empty)
1Fh
0
Overrun error (written while full)
00h
1
Empty (no valid data)
01h to 0Fh
1
1 to 15 valid words
10h
1
Full (16 valid words)
1Eh
1
Underrun error (read while empty)
1Fh
1
Overrun error (written while full)
ADC2FIFO
The ADC2 FIFO Status field indicates the current status of the ADC2 FIFO. After reset,
the default mode for this field is to report the number of valid words in the FIFO, so it
indicates 10h (empty). By setting the AFS bit in the TCDCBASIC register, this
indication is reversed and the field reports the number of valid words of data. The
encoding of the field is the same as that shown for the ADC1FIFO field.
ADC1STATUS
The ADC1 Status bit indicates whether ADC1 is enabled. If ADC1 is enabled, its clock
must not be disabled.
0 – ADC1 disabled.
1 – ADC1 enabled.
134
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com