Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 135 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 135 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ADC2STATUS
The ADC2 Status bit indicates whether ADC2 is enabled. If ADC2 is enabled, its clock
must not be disabled.
0 – ADC2 disabled.
1 – ADC2 enabled.
20.10.4 Codec DSP Set-Up Register (TCDCDSP)
The TCDCDSP register is a 16-bit, read/write register that configures some of the DSP portions of the
module. After reset, this register is cleared to 0000h.
15
14
13
12
9
8
7
5
4
3
2
1
0
CUST
ADC2
ADC1
DAC
DAC
Reserved
STCLPR
STCLPL
SIDETONEATTEN
CLKPH
DIGMICGAIN
COMP
DITOFF DITOFF DITOFF
DITON
DACDITON
The DAC Dither On bit enables dithering the output, without regard to the audio
content.
0 – Dithering may be on or off.
1 – Dithering always on.
DACDITOFF
The DAC Dither Off bit disables dithering the output, without regard to the audio
content. If set, this bit overrides the DACDITON bit.
0 – Dithering may be on or off.
1 – Dithering always off.
ADC1DITON
The ADC1 Dither Off bit disables dithering the ADC1 ASDM input.
0 – Dithering may be on or off.
1 – Dithering always off.
ADC2DITON
The ADC2 Dither Off bit disables dithering the ADC2 ASDM input.
0 – Dithering may be on or off.
1 – Dithering always off.
CUSTCOMP
The CUSTCOMP bit selects between default compensation filter coefficients and
custom values in the TCDCCOMP0, TCDCCOMP1, and TCDCCOMP2 registers.
Default values vary with the over-sampling rate to keep the reconstruction filter output
flat up to 20kHz.
0 – Default coefficients are used.
1 – Custom coefficients are used.
DIGMICGAIN
The DIGMICGAIN field selects a scaling factor for the DIGMIC1 input data. It can be
used to provide extra gain for small analog signals when the microphone pre-amplifier
gain is not sufficient. It is controllable in 2 dB steps between 0 dB and 14 dB.
DIGMICGAIN FIELD
GAIN (db)
000
0
001
2
010
4
011
6
100
8
101
10
110
12
111
14
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
135
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com