Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 136 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 136 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
CLKPH
The Clock Phase bit can be used to invert the phase of the output clock for use with
non-standard digital microphones.
0 – Normal clock.
1 – Inverted clock.
SIDETONEATTEN The Sidetone Attenuation field specifies the gain used in the sidetone feedback. This
should only be used if the DAC and ADC are operating at the same sample rates.
SIDETONEATTEN FIELD
GAIN (db)
0000
Off (Mute)
0001
–36
0010
–33
0011
–30
0100
–28
0101
–26
0110
–24
0111
–22
1000
–20
1001
–18
1010
–15
1011
–12
1100
–9
1101
–66
1110
–3
1111
0
STCLPL
The Sidetone Clipping Left Channel bit indicates that the sidetone applied to the left DAC
channel is too large, and the signal has clipped. More headroom should be provided in the
DAC data or the level of sidetone should be reduced. Write 1 to the bit to clear it.
0 – No clipping has occurred.
1 – Clipping has occurred.
STCLPR
The Sidetone Clipping Right Channel bit indicates that the sidetone applied to the right DAC
channel is too large, and the signal has clipped. More headroom should be provided in the
DAC data or the level of sidetone should be reduced. Write 1 to the bit to clear it.
0 – No clipping has occurred.
1 – Clipping has occurred.
20.10.5 Codec ADC Analog Control Register n (TCDCADCANAn)
The TCDCADCANAn registers are 16-bit, read/write register that configure the analog portions of the
ADCs. After reset, these registers are cleared to 0000h.
15
14
13
12
11
10
8
7
6
5
4 3
0
Reserved
HPF
MUTE
MICSEL
Reserved
Reserved
MICMODE
Reserved
MICGAIN
MICGAIN
The Microphone Gain field selects the gain of the microphone pre-amp. For a MICGAIN of 0
dB, the input should not exceed 500 mVpp (third harmonic distortion ~ –70 dB). For lower
distortion, reduce the maximum input signal by 3 dB, a 350 mVpp input gives a third
harmonic at ~ –80 dB. This applies to both differential and single-ended configurations.
For a differential input, the peak-to-peak voltage is the difference between the maximum
negative voltage on TCMICnN and the maximum positive voltage on TCMICnP. For a single-
ended input, the peak-to-peak voltage is the difference between the minimum and maximum
voltage on TCMICnP.
136
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com