Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 140 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 140 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
DMAL
The DMA Left Channel bit enables a DMA request in response to the left channel
DAC FIFO asserting the DAC trigger event. If the LFTFIFO bit in the TCDCIRQEN
register is set, the DMAL bit is ignored. (Interrupt and DMA requests are mutually
exclusive.)
0 – Left channel DAC DMA request disabled.
1 – Left channel DAC DMA request enabled.
DMAR
The DMA Right Channel bit enables a DMA request in response to the right channel
DAC FIFO asserting the DAC trigger event. If the RGTFIFO bit in the TCDCIRQEN
register is set, the DMAR bit is ignored. (Interrupt and DMA requests are mutually
exclusive.)
0 – Right channel DAC DMA request disabled.
1 – Right channel DAC DMA request enabled.
20.10.9 Codec Interrupt Request Enable Register (TCDCIRQEN)
The TCDCIRQEN register is a 16-bit, read/write register that enables interrupt requests from the codec.
The clock to the TCDCIRQPNDCLR register is enabled when any of the fields in this register are set. After
reset, this register is cleared to 0000h.
7
6
5
4
3
2
1
0
ADCDOWN
DACUP
ADC2U
ADC1UP
RGTFIFO
LFTFIFO
ADC2FIFO
ADC1FIFO
15
14
13
12
11
10
9
8
Reserved
STCLP
MICCLP
ZXDR
ZXDL
DACDOWN
ADC2DOWN
ADC1FIFO
The ADC1 FIFO bit enables an interrupt when the ADC1 FIFO is filled to the trigger
level specified in the TCDCFIFO register, when the FIFO is full, or when the FIFO is
empty. Setting the ADC1FIFO bit causes the DMAADC1 bit to be ignored. (Interrupt and
DMA requests are mutually exclusive.)
0 – ADC1 FIFO interrupt disabled.
1 – ADC1 FIFO interrupt enabled.
ADC2FIFO
The ADC2 FIFO bit is used to trigger an interrupt when the ADC2 FIFO is filled to the
trigger level specified in the TCDCFIFO register, when the FIFO is full, or when the
FIFO is empty. Setting the ADC2FIFO bit causes the DMAADC2 bit to be ignored.
(Interrupt and DMA requests are mutually exclusive.)
0 – ADC2 FIFO interrupt disabled.
1 – ADC2 FIFO interrupt enabled.
LFTFIFO
The Left DAC FIFO bit enables an interrupt when the left-channel DAC FIFO is emptied
to the trigger level specified in the TCDCFIFO register, when the FIFO is full, or when
the FIFO is empty. Setting the LFTFIFO bit causes the DMAL bit to be ignored.
(Interrupt and DMA requests are mutually exclusive.)
0 – Left-channel FIFO interrupt disabled.
1 – Left-channel FIFO interrupt enabled.
RGTFIFO
The Right DAC FIFO bit enables an interrupt when the right-channel DAC FIFO is
emptied to the trigger level specified in the TCDCFIFO register, when the FIFO is full, or
when the FIFO is empty. Setting the RGTFIFO bit causes the DMAR bit to be ignored.
(Interrupt and DMA requests are mutually exclusive.)
0 – Right-channel FIFO interrupt disabled.
1 – Right-channel FIFO interrupt enabled.
ADC1UP
The ADC1 Power-Up bit enables an interrupt when ADC1 has powered up.
0 – ADC1 power-up interrupt disabled.
1 – ADC1 power-up interrupt enabled.
140
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com