Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 144 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 144 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
20.11 Usage Notes
The telematics codec is designed for maximum flexibility, this section gives an overview of recommended
system setups for different applications.
20.11.1 In-Car Bluetooth Telephony
In this mode, the codec acts as a bridge between a Bluetooth-equipped mobile telephone and the car’s
head unit. A GSM phone establishes a link and transmits voice-band audio data in the CVSD format,
which is well-suited to a noisy environment. The data is received by the Bluetooth LLC and passed to the
CVSD decoder. The CVSD converts the data into linear 16-bit samples which are transferred to and from
the codec (possibly through the on-chip DSP). The codec then performs the digital-to-analog and analog-
to-digital conversion and the analog interfaces with the car radio.
Any differences in sample rate should be across the CVSD link where they pose the least threat to audio
quality. The DAC should be used in 8-kHz mode rather than implementing an SRC (Sample Rate
Conversion) scheme. The codec should share a clock source with the Bluetooth LLC.
Data: bidirectional mono 8-kHz 16-bit linear format.
Audio clock for DAC: 2.000 MHz. DACOSR = 00
Audio clock for ADC: 1.000 MHz.
20.11.2 I
2S Music Playback
In this example, the ADC is not used and the data is provided from the I2S interface. The I2S interface
should be configured as a slave to allow the sample rate to be derived from the external source device. If
the source sample rate is not 48 kHz, then SRC is performed in the DSP coprocessor. The sample rate of
the audio stream must be known or conveyed by other means. Data is most likely passed using interrupt
requests. The SRC must cope with the rate conversion and allow for a tolerance in the input rate relative
to the output rate, varying the algorithm to match the required output rate by knowing how often data
arrives and applying skew on the interpolation/decimation when required. This can be avoided by using a
clock synchronous to the audio source and using an oversampling rate other than 125.
Data: Stereo 44.1-kHz 16-bit linear format.
Audio clock for DAC: 12.288 MHz. DACOSR = 01.
20.11.3 Wireless Music Headphones
In this example, the ADC is not used and compressed data is provided from the Bluetooth link. The DSP
must then convert this data into 48-kHz, 16-bit stereo audio for use by the DAC.
Data: Stereo 48-kHz 16-bit linear format.
Audio clock for DAC: 12.000 MHz. DACOSR = 00.
20.11.4 Wireless Voice Headset
In this example, the device is configured in the same way as for In-Car Bluetooth Telephony, but the
output must drive a headphone amplifier rather than the differential line outputs.
20.11.5 MP3 Playback
This application uses the stereo DAC to playback audio from memory, so a PLL can be used to create an
approximate 11.025 MHz clock for 44.1-kHz samples with 12.000 MHz for 48-kHz data.
In this example, the ADC can be used for the typical voice notes feature, 8-kHz recording data in
companded format using the CVSD’s G.711 circuits to compress the data, rather than using a DSP for
compression.
144
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com