Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 141 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 141 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ADC2UP
The ADC2 Power-Up bit enables an interrupt when ADC2 has powered up.
0 – ADC2 power-up interrupt disabled.
1 – ADC2 power-up interrupt enabled.
DACUP
The DAC Power-Up bit enables an interrupt when the stereo DAC has powered up.
0 – DAC power-up interrupt disabled.
1 – DAC power-up interrupt enabled.
ADC1DOWN
The ADC1 Power-Down bit enables an interrupt when ADC1 has powered down.
0 – ADC1 power-down interrupt disabled.
1 – ADC1 power-down interrupt enabled.
ADC2DOWN
The ADC2 Power-Down bit enables an interrupt when ADC2 has powered down.
0 – ADC2 power-down interrupt disabled.
1 – ADC2 power-down interrupt enabled.
DACDOWN
The DAC Power-Down bit enables an interrupt when the DAC has powered down.
0 – DAC power-down interrupt disabled.
1 – DAC power-down interrupt enabled.
ZXDL
The Zero-Crossing Detector Left Channel bit enables an interrupt when the left-channel
reconstruction filter output crosses zero. This is useful if the gain of an external audio
device is to be changed. Internal gains are controlled automatically on these events.
0 – Zero-crossing interrupt disabled.
1 – Zero-crossing interrupt enabled.
ZXDR
The Zero-Crossing Detector Right Channel bit enables an interrupt when the right-
channel reconstruction filter output crosses zero.
0 – Zero-crossing interrupt disabled.
1 – Zero-crossing interrupt enabled.
MICCLP
The Microphone Clipping bit enables an interrupt when the DIGMIC1 input gain stage
clips.
0 – Microphone clipping interrupt disabled.
1 – Microphone clipping interrupt enabled.
STCLP
The Sidetone Clipping bit enables an interrupt when either sidetone feed to the DACs
clip.
0 – Sidetone clipping interrupt disabled.
1 – Sidetone clipping interrupt enabled.
20.10.10 Codec Interrupt Pending/Clear Register (TCDCIRQPNDCLR)
The TCDCIRQPNDCLR register is a 16-bit, read/write register that indicates the state of pending interrupt
requests. The bits in this register correspond to the interrupt enable bits in the TCDCIRQEN register. A set
bit in the TCDCIRQPNDCLR register indicates that the request is enabled and asserted. The
TCDCIRQPNDCLR register is also used by the interrupt service routine to clear these requests. Writing 1
to a bit in this register clears the request. Writing 0 has no effect. After reset, this register is cleared to
0000h.
7
6
5
4
3
2
1
0
ADC1DOWN
DACUP
ADC2UP
ADC1UP
RGTFIFO
LFTFIFO
ADC2FIFO
ADC1FIFO
15
14
13
12
11
10
9
8
Reserved
STCLP
MICCLP
ZXDR
ZXDL
DACDOWN
ADC2DOWN
20.10.11 Codec Compensation Filter C0/4 Tap Register (TCDCCOMP0)
The TCDCCOMP0 register is a 16-bit, read/write register that specifies the C0 and C4 coefficients of the
compensation filter, when the CUSTCOMP bit of the TCDCDSP register is set. When the CUSTCOMP bit
is clear, the TCDCCOMP0 register is ignored. After reset, this register is cleared to 0000h
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
141
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com