Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 139 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 139 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
DACCLKSRC FIELD
SOURCE
000
PCLK Clock
001
TCIO1 Input
010
PLL2 Clock
011
I2SCLK Input
100
AAI SCK Input
101
Auxiliary Clock 4
110
PLL1 Clock
111
Clock Disabled
DACRNG
The DACRNG field specifies the expected input clock range of the DAC. This is used by
the power management unit to ensure correct timing during power up and power down.
If the exact clock range is not available, use the next fastest.
TYPICAL SAMPLE RATE
DACRNG FIELD
RANGE (MHz)
(kHz)
00
2
8
01
6
24
10
12
48
11
24
96
SEL6_144
The Select 6 MHz bit is used to select the 6 MHz sync to clock the reconstruction filter,
rather than the 12 MHz clock.
0 – 12 MHz clock.
1 – 6 MHz sync.
20.10.8 Codec FIFO Trigger Control Register (TCDCFIFO)
The TCDCFIFO register is a 16-bit, read/write register that configures the events which assert DMA and
interrupt requests. At reset, this register is cleared to 0000h.
15
14
13
12
11
8 7
4 3
0
DMAR
DMAL
DMAADC2
CMAADC1
DACFIFOTRIG
ADC2FIFOTRIG
ADC1FIFOTRIG
ADC1FIFOTRIG
The ADC FIFO Trigger Level field specifies how many empty words are in the ADC1
FIFO when an event is triggered.
ADC2FIFOTRIG
The ADC FIFO Trigger Level field specifies how many empty words are in the ADC2
FIFO when an event is triggered.
DACFIFOTRIG
The DAC FIFO Trigger Level field specifies how many valid words are remaining in
either of the DAC FIFOs when an event is triggered.
DMAADC1
The DMA ADC1 bit enables a DMA request in response to the ADC1 trigger event. If
the ADC1FIFO bit in the TCDCIRQEN register is set, the DMAADC1 bit is ignored.
(Interrupt and DMA requests are mutually exclusive.)
0 – ADC1 DMA request disabled.
1 – ADC1 DMA request enabled.
DMAADC2
The DMA ADC2 bit enables a DMA request in response to the ADC2 trigger event. If
the ADC2FIFO bit in the TCDCIRQEN register is set, the DMAADC2 bit is ignored.
(Interrupt and DMA requests are mutually exclusive.)
0 – ADC2 DMA request disabled.
1 – ADC2 DMA request enabled.
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
139
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com