Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 142 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 142 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
15
1
COMPC0
20.10.12 Codec Compensation Filter C1/3 Tap Register (TCDCCOMP1)
The TCDCCOMP1 register is a 16-bit, read/write register that specifies the C1 and C3 coefficients of the
compensation filter, when the CUSTCOMP bit of the TCDCDSP register is set. When the CUSTCOMP bit
is clear, the TCDCCOMP1 register is ignored. After reset, this register is cleared to 0000h
15
1
COMPC1
20.10.13 Codec Compensation Filter C2 Tap Register (TCDCCOMP2)
The TCDCCOMP2 register is a 16-bit, read/write register that specifies the C2 coefficient of the
compensation filter, when the CUSTCOMP bit of the TCDCDSP register is set. When the CUSTCOMP bit
is clear, the TCDCCOMP2 register is ignored. After reset, this register is cleared to 0000h
15
1
COMPC2
20.10.14 Codec ADC Data Register n (TCDCADCn)
The TCDCADCn registers are 16-bit, read-only registers used to unload a word from the corresponding
ADC FIFOs. After reset, these registers are cleared to 0000h
15
1
ADCDATA
20.10.15 Codec Left Channel DAC Data Register (TCDCLEFT)
The TCDCLEFT register is a 16-bit, read/write register used to load a word into the left-channel DAC
FIFO. After reset, this register is cleared to 0000h
15
1
LEFTDATA
20.10.16 Codec Right Channel DAC Data Register (TCDCRIGHT)
The TCDCRIGHT register is a 16-bit, read/write register used to load a word into the right-channel DAC
FIFO. After reset, this register is cleared to 0000h
15
1
RIGHTDATA
20.10.17 Codec Debug Register (TCDCDEBUG)
The TCDCDEBUG register is a 16-bit, read/write register used to configure the TCIO1 pin and safely reset
the codec. After reset, this register is cleared to 0000h.
15
8
7
6
4 3
0
Reserved
SFTRST
Reserved
GPIO
GPIO
The GPIO field configures the TCIO1 pin (alternate function of PG10).
142
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com