Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 133 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 133 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
FLSADC
The Flush ADC FIFO bit can be used to flush the ADC FIFOs. Writing 1 to this bit clears
the FIFOs.
0 – No effect.
1 – Flush the ADC FIFOs.
FLSDAC
The Flush DAC bit can be used to flush the stereo DAC FIFOs. Writing 1 to this bit
clears the FIFOs. This should be used when deliberately pausing the DAC data stream
or any other time when the DAC FIFOs will be underrun deliberately. If the DAC FIFOs
are underrun and this bit is not set, then the DAC is continuously driven with the oldest
data and this will result in a DC component on the DAC outputs.
0 – No effect.
1 – Flush the DAC FIFOs.
AFS
The ADC FIFO Status Mode bit controls the encoding of the ADC1FIFO and ADC2FIFO
fields in the TCDCADCSTATUS register. See the description of the TCDCADCSTATUS
re ister for more information.
DFS
The DAC FIFO Status Mode bit controls the encoding of the LEFTFIFO and
RIGHTFIFO fields in the TCDCDACSTATUS register. See the description of the
TCDCDACSTATUS register for more information.
20.10.2 Codec DAC Status Register (TCDCDACSTATUS)
The TCDCDACSTATUS register is a 16-bit, read-only register that indicates the status of the DAC FIFOs
and the DAC analog output stage. After DAC operation is enabled in the TCDCDACCLK and TCDCBASIC
registers, the DACSTATUS bit will become set to indicate that the DAC is operational. The left and right
DAC FIFOs are clear while the DAC is disabled. While the DAC is enabled, the FIFOs can be flushed by
using the FLSDAC bit in the TCDCBASIC register or by resetting the codec using the Soft Reset bit
(SFTRST bit in the TCDCDEBUG register). The DAC FIFOs should be flushed before the DACs are
unmuted to clear any old samples. After reset, this register is initialized to 1010h, which indicates the DAC
FIFOs contain no valid words and the analog output stage is powered down.
15
14
13 12
8 7
5 4
0
DACSTATUS
Reserved
RIGHTFIFO
Reserved
LEFTFIFO
LEFTFIFO
The Left-Channel DAC FIFO Status field indicates the current status of the FIFO for the
left-channel DAC. After reset, the default mode for this field is to report the number of
empty words available in the FIFO, so it indicates 10h (empty). By setting the DFS bit in
the TCDCBASIC register, this indication is reversed and the field reports the number of
valid words of data, as shown below:
FIFO STATUS FIELD
DFS BIT
DESCRIPTION
00h
0
Full (16 valid words)
01h to 0Fh
0
15 to 1 valid words
10h
0
Empty (no valid data)
1Eh
0
Underrun error (read while empty)
1Fh
0
Overrun error (written while full)
00h
1
Empty (no valid data)
01h to 0Fh
1
1 to 15 valid words
10h
1
Full (16 valid words)
1Eh
1
Underrun error (read while empty)
1Fh
1
Overrun error (written while full)
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
133
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com