Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 129 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 129 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 407 page
background image
DS406
C4
Z -1
C3
Z -1
C2
Z -1
C1
Z -1
C0
In
Out
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 20-2. Compensation FIR Filter
By default, the filter applies about 2 dB of compensation at 20 kHz. Five taps is sufficient to allow
passband equalization and ripple cancellation to around ±0.01 dB.
Because the filter must always be phase linear, the coefficients are symmetrical. Coefficients C0, C1, and
C2 are programmable, C3 is equal to C1, and C4 is equal to C0. The maximum power of this filter must
not exceed that of the examples given in Table 20-3.
Table 20-3. Default Filter Coefficients
SAMPLING FREQUENCY
OVER-SAMPLING RATE
C0
C1
C2
C3
C4
(kHz)
48
125
343
–2291
26984
–2291
343
48
128
61
–371
25699
–371
61
20.4 Reconstruction Filter
The output of the stereo DAC is passed through low-pass reconstruction filters to remove quantization
noise (the “sigma-delta tail”). Because the DAC is optimized for high-quality audio (44.1 kHz or higher
sample rate), the cutoff frequency of the filter is placed at 24 kHz.
At low sample rates (for example, 8 kHz), quantization noise will appear below this cutoff frequency. If the
application requires this noise to be removed, several solutions are possible. For example, low-pass filters
may be added to the DAC outputs. Even simple RC filters will provide substantial noise reduction. Audio
devices intended for voice (such as headsets) often provide an effective filter because of their limited
bandwidth.
In software, digital interpolation may be used to upsample the data for a higher sample rate. This solution
requires no additional hardware, but it consumes more CPU bandwidth and adds delay to the audio path.
20.5 Peripheral Bus Interface
The codec is a slave device on the shared audio peripheral APB bus. As shown in Figure 20-1, the codec
interface has four FIFOs, two read FIFOs for the two ADC channels and two write FIFOs for the stereo
DAC channels. Four independent DMA requests are available corresponding to the four channels. One
interrupt request (IRQ28) is available for triggering by any channel.
20.5.1 FIFOs
The ADC and DAC trigger depths are controlled independently to support differing sampling rates. The full
depth of the FIFOs does not need not be used, and a lesser depth may be used to reduce latency.
Each ADC FIFO remains in the same state when its ADC is disabled and is only cleared during a reset or
flush condition. The ADC FIFOs should be flushed before the ADCs are unmuted to clear any old
samples, or the codec can be placed in reset using the Soft Reset bit (SFTRST bit in the TCDCDEBUG
register). This can be used to start the codec from a known state.
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
129
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com