Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 118 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 118 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 120Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
19.1.1.6 SDAT
The SDAT signal is the multiplexed serial data receive and transmit path between the radio chip and the
CP3SP33.
The SDAT signal is the alternate function of the general-purpose I/O pin PG4. At reset, this pin is in TRI-
STATE mode. Software must enable the alternate function of the PG4 pin to give control over this signal
to the RF interface.
SLE
The SLE pin is the serial load enable output of the serial interface of the CP3SP33.
During write operations (to the radio chip registers), the data received by the shift register of the radio chip
is copied into the address register on the next rising edge of SCLK after the SLE signal goes high.
During read operations (read from the registers), the radio chip releases the SDAT line on the next rising
edge of SCLK after the SLE signal goes high
SLE is the alternate function of the general-purpose I/O pin PG5. At reset, this pin is in TRI-STATE mode.
Software must enable the alternate function of the PG5 pin to give control over this signal to the RF
interface.
19.1.1.7 BTSEQ[3:1]
The BTSEQ[3:1] signals indicate internal states of the Bluetooth sequencer, which are used for interfacing
to some external devices.
19.2 Serial Interface
The radio chip register set can be accessed by the CP3SP33 through the serial interface. The serial
interface uses three pins of the RF interface: SDAT, SCLK, and SLE.
The serial interface of the CP3SP33 always operates as the master, providing the shift clock (SCLK) and
load enable (SLE) signal to the radio chip. The radio chip always acts as the slave.
A 25-bit shift protocol is used to perform read/write accesses to the radio chip internal registers. The
complete protocol is comprised of the following sections:
•
3-bit Header Field
•
Read/Write Bit
•
5-bit Address Field
•
16-bit Data Field
Header
The 3-bit header contains the fixed data 101b (except for Fast Write Operations).
Read/Write Bit
The header is followed by the read/write control bit (R/W). If the Read/Write bit is clear, a write operation
is performed and the 16-bit data portion is copied into the addressed radio chip register.
Address
The address field is used to select one of the radio chip internal registers.
Data
The data field is used to transfer data to or from a radio chip register. The timing is modified for reads, to
transfer control over the data signal from the CP3SP33 to the radio chip.
Figure 19-3 shows the serial interface protocol format.
24
22
21
20
16 15
0
Header[2:0]
R/W
Address[4:0]
Data[15:0]
Figure 19-3. Serial Interface Protocol Format
118
Bluetooth Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com