Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 107 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 107 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 106Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 107Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 108Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
WKCL The Wake-Up Clear bits are used to selectively clear bits in WKRPNDn and WKFPNDn.
0 – Writing 0 has no effect.
1 – Writing 1 clears the corresponding bit position in WKRPNDn and WKFPNDn.
17.1.4 Rising Edge Enable Register n (WKRENn)
The WKRENn registers are 32-bit, read/write registers that enable a wake-up event when a rising edge is
detected on the corresponding MIWU input. Bits 31:0 of WKREN1 correspond to MIWU inputs 31:0 Bits
31:0 of WKREN2 correspond to MIWU inputs 63:32. The WKRENn registers are cleared at reset. The
register format is shown below.
31
0
WKREN
WKREN
The Wake-Up Rising Edge Enable bits enable a wake-up event when a rising edge
occurs on the corresponding MIWU input.
0 – No wake-up event enabled.
1 – Wake-up event enabled.
17.1.5 Falling Edge Enable Register n (WKFENn)
The WKFENn registers are 32-bit, read/write registers that enable a wake-up event when a falling edge is
detected on the corresponding MIWU input. Bits 31:0 of WKFEN1 correspond to MIWU inputs 31:0 Bits
31:0 of WKFEN2 correspond to MIWU inputs 63:32. The WKFENn registers are cleared at reset. The
register format is shown below.
31
0
WKFEN
WKFEN
The Wake-Up Falling Edge Enable bits enable a wake-up event when a falling edge occurs
on the corresponding MIWU input.
0 – No wake-up event enabled.
1 – Wake-up event enabled.
17.1.6 Rising Edge Interrupt Enable Register n (WKRIENn)
The WKRIENn registers are 32-bit, read/write registers that enable an interrupt when a rising edge is
detected on the corresponding MIWU input. Bits 31:0 of WKRIEN1 correspond to MIWU inputs 31:0 Bits
31:0 of WKRIEN2 correspond to MIWU inputs 63:32. The WKRIENn registers are cleared at reset. The
register format is shown below.
31
0
WKRIEN
WKRIEN The Rising Edge Interrupt Enable bits enable an interrupt when a rising edge occurs on the
corresponding MIWU input.
0 – No interrupt enabled.
1 – Interrupt enabled.
17.1.7 Falling Edge Interrupt Enable Register n (WKFIENn)
The WKFIENn registers are 32-bit registers, read/write that enable an interrupt when a falling edge is
detected on the corresponding MIWU input. Bits 31:0 of WKFIEN1 correspond to MIWU inputs 31:0 Bits
31:0 of WKFIEN2 correspond to MIWU inputs 63:32. The WKFIENn registers are cleared at reset. The
register format is shown below.
Copyright © 2013, Texas Instruments Incorporated
Multi-Input Wake-Up
107
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com