Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 25 of 113
The ADC samples at a frequency of 1.56 MHz, and the reading
is averaged in an asynchronous fashion. This reading is used to
determine actions on faults, such as the IOUT OC fault, with an
average rate of 82 μs (seven bits) or 328 μs (nine bits), which is
set by Register 0xFE1B[4]. The ADP1052 also reports an output
current reading in the READ_IOUT command (Register 0x8C),
with an average rate of 10 ms, 63 ms, 126 ms, 252 ms, or 504 ms
set by Register 0xFE65[2:0].
Various limits and response actions can be set for CS2, such as the
IOUT_OC_FAULT_LIMIT command (Register 0x46) and the
IOUT_OC_FAULT_RESPONSE (Register 0x47) command.
These limits and responses are described in the PMBus Command
Set and Current Sense and Limit Setting Registers sections.
SOFT START AND SHUTDOWN
On/Off Control
The OPERATION command (Register 0x01) and the
ON_OFF_ CONFIG command (Register 0x02) control the
power-on and power-off behaviors of the ADP1052. The
OPERATION command turns the ADP1052 on and off in
conjunction with input from the CTRL pin (Pin 16). The
combination of the CTRL pin input and serial bus commands
required to turn the ADP1052 on and off is configured by the
ON_OFF_CONFIG command. When commanding the
ADP1052 to turn on, the power supply on (PSON) signal is
enabled, and the ADP1052 follows the soft start procedure to
begin the power conversion.
Soft Start
After VDD power-up and initialization, when the ADP1052 is
commanded to turn on, the PSON signal is enabled. The controller
waits for a user specified turn-on delay (TON_DELAY, Regis-
ter 0x60) before initiating this output voltage soft start ramp.
The soft start is then performed by actively regulating the output
voltage and digitally ramping up the target voltage to the com-
manded voltage setpoint. The rise time of the voltage ramp is
programmed, using the TON_RISE command (Register 0x61), to
minimize the inrush currents associated with the start-up voltage
ramp. A nonzero prebiased voltage results in a longer turn on delay
and shorter rise time.
When the user turns on the power supply, the following soft start
procedure is initiated (see Figure 29):
1.
At t = t0, the PSON signal is enabled by a combination
of the OPERATION command, the ON_OFF_CONFIG
command, and/or the CTRL pin. The ADP1052 verifies that
the initial flags indicate no abnormalities.
2.
The ADP1052 waits for the programmed TON_DELAY time
to ramp up the power stage voltage at t1. The soft start filter
gain (set by Register 0xFE3D[1:0]) is used for closed-loop
control.
3.
The soft start begins to ramp up the internal reference. The
soft start ramp time is programmed using the TON_RISE
command.
4.
At t2, the soft start ramp reaches the output voltage setpoint.
The high frequency ADC starts to settle.
5.
Additional high frequency ADC settling debounce time can
be programmed using Register 0xFE3D[5:4]. If the debounce
time is used, the high frequency ADC is activated at t3. The
period between t2 and t3 is the high frequency ADC settling
debounce time. At t3, the control loop is switched from the
soft start filter to the normal filter.
CTRL
PIN
REG 0x02[1]
REG 0x01[7:6]
REG 0x02[0]
ON
OFF
IMMEDIATE
OFF
DELAY OFF
OPERATION
(SOFTWARE)
ON
REG 0x01[5:4]
REG 0x02[4:2]
ALWAYS ON
ON/OFF
OPERATION
VOUT COMMAND
VOUT MARGIN LOW
VOUT MARGIN HIGH
IMMEDIATE
OFF
DELAY OFF
Figure 28. On/Off Control Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com