Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 29 of 113
The drooping resistor follows the PMBus specifications. The
VOUT_DROOP command (Register 0x28) specifies the drooping
resistor in the range of 0 mΩ to 255 mΩ.
The CS2 (output current) averaging speed dictates how quickly
the output current is sensed for generating the digital voltage
reference. Set Register 0xFE1E[7:6] to change the output current
update speed from 82 μs to 656 μs. An output current update of
82 µs is recommended.
VDD AND VCORE
When the voltage of the VDD pin is applied (VDD), there is a
delay before the device can regulate the power supply. When VDD
rises above the power-on reset and UVLO levels, it takes ~20 μs for
the VCORE pin (Pin 18) to reach its operational point of 2.6 V.
The EEPROM contents are then downloaded to the registers. The
download takes approximately an additional 120 μs. After the
EEPROM contents are downloaded, the ADP1052 is ready for
operation; however, it takes a maximum of 52 ms for the ADP1052
to complete initialization of the address after a power-on reset.
Therefore, it is recommended that the master device access the
ADP1052 at least 52 ms after power-on reset.
If the ADP1052 is programmed to power up at this time, the soft
start ramp begins. Otherwise, the device waits for a PSON
signal, programmed in Register 0x01 and Register 0x02.
To minimize trace length, the proper amount of decoupling
capacitance must be placed between the VDD pin (Pin 19) and the
AGND pin (Pin 20), as close as possible to the device. The same
requirement applies to the VCORE pin (Pin 18). It is recom-
mended that the VCORE pin not be used as a reference or to
generate other logic levels using resistive dividers.
CHIP PASSWORD
On power-up, some registers in the ADP1052 are locked and
protected from being written to or read from. When the chip is
locked, the following commands and all read-only registers are
accessible:
•
OPERATION
•
ON_OFF_CONFIG
•
CLEAR_FAULTS
•
WRITE_PROTECT
•
RESTORE_DEFAULT_ALL
•
VOUT_COMMAND
•
VOUT_TRIM
•
VOUT_CAL_OFFSET
Unlock the Chip Password
To unlock the chip password, perform two consecutive writes
with the correct password (default value = 0xFFFF) and use the
CHIP_PASSWORD command (Register 0xD7). Between the two
write actions, any read or write action to another register in this
device interrupts the unlocking of the chip password. The
CHIP_PASSWORD_UNLOCKED flag (Register 0xFEA0[7]) is
set to indicate that the chip password is unlocked for access.
Lock the Chip Password
To lock the chip password, use the CHIP_PASSWORD command
(Register 0xD7) to write any value other than the correct password.
The CHIP_PASSWORD_UNLOCKED flag (Register 0xFEA0[7])
is then cleared to indicate that the chip password is locked from
access.
Change the Chip Password
To change the chip password, first write the old password, using the
CHIP_PASSWORD command (Register 0xD7). Next, write the
new password, using the same command. The chip password is
changed to the new password. If the chip password is to be changed
permanently, the register contents must be saved in the EEPROM
after the chip password is changed. If the correct chip password is
lost, the RESTORE_DEFAULT_ALL command (Register 0x12)
restores the factory default settings. In this case, all the user settings
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com