Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 89 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 89 of 113
Bits
Bit Name/Function
R/W
Description
[2:0]
SR_RC_FAULT_LIMIT
R/W
These bits program the reference voltage for CS2 reverse current comparator for generating the
SR_RC_FAULT flag. The difference in voltage between the CS2+ and CS2− pins is compared with this
limit. This comparator is an analog comparator.
Bit 2
Bit 1
Bit 0
Value (mV)
0
0
0
−3
0
0
1
−6
0
1
0
−9
0
1
1
−12
1
0
0
−15
1
0
1
−18
1
1
0
−21
1
1
1
−24
Table 132. Register 0xFE1B—CS2 Deep Light Load Mode Setting
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
CS1 cycle-by-cycle
current-limit ref
R/W
0 = the CS1 cycle-by-cycle current-limit reference is 1.2 V.
1 = the CS1 cycle-by-cycle current-limit reference is 0.25 V.
5
Reserved
R/W
Reserved.
4
CS2 averaging
speed for triggering
the IOUT_OC_FAULT
flag
R/W
0 = the 9-bit CS2 (output current) averaging speed is used for triggering the IOUT_OC_FAULT flag.
The basic VS voltage change rate for constant current control is 1.18 mV/ms.
1 = the 7-bit CS2 (output current) averaging speed is used for triggering the IOUT_OC_FAULT flag. The
basic VS voltage change rate for constant current control is 4.72 mV/ms.
[3:0]
CS2 deep light load
mode threshold
R/W
These bits set the current limit on the CS2 ADC to enter the deep light load mode value. This value
determines the point at which the DEEP_LIGHT_LOAD flag is set and some PWM outputs are disabled.
The averaging speed and the hysteresis are programmed in Register 0xFE1E.
Bit 3
Bit 2
Bit 1
Bit 0
Deep Light Load Threshold (mV)
328 μs
164 μs
82 μs
41 μs
0
0
0
0
0
0
0
0
0
0
0
1
0.9375
1.8750
3.7500
7.5000
0
0
1
0
1.8750
3.7500
7.5000
15.000
0
0
1
1
2.8125
5.6250
11.250
22.500
0
1
0
0
3.7500
7.5000
15.000
30.000
0
1
0
1
4.6875
9.3750
18.750
37.500
0
1
1
0
5.6250
11.250
22.500
45.000
0
1
1
1
6.5625
13.125
26.250
52.500
1
0
0
0
7.5000
15.000
30.000
60.000
1
0
0
1
8.4375
16.875
33.750
67.500
1
0
1
0
9.3750
18.750
37.500
75.000
1
0
1
1
10.313
20.625
41.250
82.500
1
1
0
0
11.250
22.500
45.000
90.000
1
1
0
1
12.188
24.375
48.750
97.500
1
1
1
0
13.125
26.250
52.500
105.00
1
1
1
1
14.063
28.125
56.250
112.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com