Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 6 of 113
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CS31 Measurement and Digital
Comparator
Triggers CS3_OC_FAULT flag
Register Update Rate
10
ms
Comparator Speed
10
ms
CS2+, CS2− CURRENT SENSE PINS
Input Voltage Range
VIN
0
120
mV
Differential voltage from CS2+ to CS2−
Common-Mode Voltage at CS2+ and CS2−
0.8
1.15
1.4
V
To achieve CS2 current measurement
accuracy
Current
Sink (High-Side Mode)
1.87
1.915
1.96
mA
Source (Low-Side Mode)
195
225
255
μA
Temperature Coefficient
95
ppm/°C
CS2 ADC
Valid Input Voltage Range
0
120
mV
ADC Clock Frequency
1.56
MHz
Measurement Resolution
12
Bits
Current Measurement Sense Accuracy
Low-Side Mode
4.99 kΩ (0.01%) level shift resistors
−1.9
+1.9
% FSR
From 0 mV to 110 mV
−2.28
+2.28
mV
−6.1
+1.4
% FSR
From 110 mV to 120 mV
−7.32
+1.68
mV
High-Side Mode
With CS2 high-side factory trim values
loaded; 4.99 kΩ (0.01%) level shift
resistors; VOUT = 11 V
−1.6
+2.3
% FSR
From 0 mV to 110 mV
−1.92
+2.76
mV
−5.3
+0.7
% FSR
From 110 mV to 120 mV
−6.36
+0.84
mV
CS2 OCP Digital Comparator
Triggers IOUT_OC_FAULT flag
Threshold Accuracy
Same as CS2 ADC low-side and high-side
mode current measurement sense
accuracy values
Comparator Update Speed
82
µs
When set to the 7-bit averaging speed
328
µs
When set to the 9-bit averaging speed
CS2 Reverse Current Comparator
Triggers SR_RC_FAULT flag
Threshold Accuracy
−8.5
−3
+3
mV
SR_RC_FAULT_LIMIT set to −3 mV
−11.5
−6
0
mV
SR_RC_FAULT_LIMIT set to −6 mV
−14
−9
−3
mV
SR_RC_FAULT_LIMIT set to −9 mV
−17
−12
−6
mV
SR_RC_FAULT_LIMIT set to −12 mV
−21
−15
−9
mV
SR_RC_FAULT_LIMIT set to −15 mV
−24
−18
−12
mV
SR_RC_FAULT_LIMIT set to −18 mV
−27
−21
−15
mV
SR_RC_FAULT_LIMIT set to −21 mV
−30
−24
−18
mV
SR_RC_FAULT_LIMIT set to −24 mV
Propagation Delay
110
150
ns
Debounce time = 40 ns
RTD TEMPERATURE SENSE PIN
Input Voltage Range
VIN
0
1.6
V
Voltage from RTD to AGND
Source Current
44.6
46
47.3
μA
Register 0xFE2D = 0xE6, factory default
setting
38.6
40
42
μA
Register 0xFE2D = 0xB0
28.6
30
31.8
μA
Register 0xFE2D = 0x80
18.6
20
21.6
μA
Register 0xFE2D = 0x40
9.1
10
11
μA
Register 0xFE2D = 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com