Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 61 of 113
CLEAR_FAULTS
CLEAR_FAULTS is a send byte, no data command. This command clears all PMBus fault bits in all PMBus status registers simultaneously.
Table 16. Register 0x03—CLEAR_FAULTS
Bits
Bit Name/Function
Type
Description
N/A
CLEAR_FAULTS
Send
Clears all bits in PMBus status registers (Register 0x78 to Register 0x7E) simultaneously.
WRITE_PROTECT
The WRITE_PROTECT command controls writing to the PMBus device. This command provides protection against accidental changes;
this command does not provide protection against deliberate or malicious changes to the configuration or operation of the device.
Table 17. Register 0x10—WRITE_PROTECT
Bits
Bit Name/Function
R/W
Description
7
Write Protect 1
R/W
Disables writes to all commands except the WRITE_PROTECT command.
6
Write Protect 2
R/W
Disables writes to all commands except the WRITE_PROTECT and OPERATION commands.
5
Write Protect 3
R/W
Disables writes to all commands except the WRITE_PROTECT, OPERATION, ON_OFF_CONFIG, and
VOUT_COMMAND commands.
[4:0]
Reserved
R
Reserved.
RESTORE_DEFAULT_ALL
RESTORE_DEFAULT_ALL is a send byte, no data command. This command downloads the factory default settings (including the basic
PMBus commands, the manufacturer specific extended commands (starting with 0xFE), and other data, such as the checksum, the
EEPROM password, and the chip password) from the EEPROM (Page 0 of the main block) into the registers.
Table 18. Register 0x12—RESTORE_DEFAULT_ALL
Bits
Bit Name/Function
Type
Description
N/A
RESTORE_DEFAULT_ALL
Send
Restores the factory default settings from the EEPROM to the registers.
STORE_USER_ALL
STORE_USER_ALL is a send byte, no data command. This command copies the entire contents of the registers into the EEPROM
(Page 1 of the main block) as the user settings. The settings are automatically restored on the power-up of VDD.
Table 19. Register 0x15—STORE_USER_ALL
Bits
Bit Name/Function
Type
Description
N/A
STORE_USER_ALL
Send
Saves the user settings from the registers to the EEPROM.
RESTORE_USER_ALL
RESTORE_USER_ALL is a send byte, no data command. This command downloads the stored user settings, including the basic PMBus
commands, the manufacturer specific extended commands (starting with 0xFE), and other data (for example, the checksum, the
EEPROM password, and the chip password) from the EEPROM (Page 1 of the main block) into the registers.
Table 20. Register 0x16—RESTORE_USER_ALL
Bits
Bit Name/Function
Type
Description
N/A
RESTORE_USER_ALL
Send
Restores the user settings from the EEPROM to the registers.
CAPABILITY
The CAPABILITY command summarizes the PMBus optional communication protocols supported by the ADP1052. The reading of this
command results in 0x20.
Table 21. Register 0x19—CAPABILITY
Bits
Bit Name/Function
R/W
Description
7
Packet error
R
Checks the packet error capability of the device.
0 = not supported.
[6:5]
Maximum bus speed
R
Checks the PMBus speed capability of the device.
01 = maximum bus speed of 400 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com