Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 72 of 113
Table 53. Register 0x61—TON_RISE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit, twos complement Y value for linear format, X = Y × 2N.
TOFF_DELAY
The TOFF_DELAY command sets the turn-off delay time in milliseconds (ms). The ADP1052 supports only those values listed in Table 54.
Table 54. Register 0x64—TOFF_DELAY (Turn-Off Delay Options Supported in the ADP1052)
Register Setting
Turn-Off Delay Time (ms)
0000000000000000 (0x0000)
0
0000000000110010 (0x0032)
50
0000000011111010 (0x00FA)
250
0000001111101000 (0x03E8)
1000
Table 55. Register 0x64—TOFF_DELAY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format X = Y × 2N.
STATUS_BYTE
Table 56. Register 0x78—STATUS_BYTE
Bits
Bit Name/Function
R/W
Description
7
Reserved
R
Reserved.
6
POWER_OFF
R
This bit is asserted when the unit is not providing power to the output, regardless of the reason,
including simply not being enabled.
5
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
R
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
2
Temperature
R
A temperature fault or warning has occurred.
1
CML
R
A communications, memory, or logic fault has occurred.
0
None of the above
R
A fault or warning not listed in Bits[7:1] has occurred.
STATUS_WORD
Table 57. Register 0x79—STATUS_WORD
Bits
Bit Name/Function
R/W
Description
15
VOUT
R
Any bit asserted in STATUS_VOUT asserts this bit.
14
IOUT
R
Any bit asserted in STATUS_IOUT asserts this bit.
13
Input
R
Any bit asserted in STATUS_INPUT asserts this bit.
12
Reserved
R
Reserved.
11
POWER_GOOD
R
POWER_GOOD is a negation of POWER_GOOD, which means that the output power is not good.
This bit is set when the sensed VOUT is less than the limit programmed in the POWER_GOOD_OFF
command. This bit clears when the sensed VOUT voltage is greater than the limit that is programmed in
the POWER_GOOD_ON command. This flag also triggers the PGOOD flag in Register 0xFEA0[6].
[10:7]
Reserved
R
Reserved.
6
POWER_OFF
R
This bit is asserted if the unit is not providing power to the output, regardless of the reason,
including not being enabled.
5
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
R
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
2
Temperature
R
An overtemperature fault or warning has occurred.
1
CML
R
A communications, memory, or logic fault has occurred.
0
None of the above
R
A fault or warning not listed in Bits[7:1] has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com