Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 42 of 113
To trim the errors introduced by the resistor divider, use the
following procedure:
1. Set the VOUT_COMMAND (Register 0x21) with the
nominal output voltage value. Set the VOUT_SCALE_
LOOP command (Register 0x29) and the VOUT_SCALE_
MONITOR command (Register 0x2A), based on the resistor
divider information.
2. Enable the power supply with the no load current. The voltage
of the VS± pins is divided down by the VS resistor divider
to give a target of 1 V at the VS± pins.
3. Adjust the VOUT_CAL_OFFSET trim (Register 0x23) to
ensure that the output voltage is exactly the target output
voltage.
4. Adjust the VS gain trim register (Register 0xFE20) when
the READ_VOUT reading in Register 0x8B is the exact
output voltage reading.
VIN TRIM (VF GAIN TRIM)
The voltage sense inputs are optimized for the VF pin signals at
1 V and cannot sense a signal greater than 1.6 V. A resistor divider
is required to divide the sensed voltage signal into a voltage of
less than 1.6 V. It is recommended that the VF voltage signal be
reduced to 1 V for best performance. The resistor divider
introduces errors, which need to be trimmed.
Use the following procedure:
1. Set the VIN_SCALE_MONITOR command in Register 0xD8
based on the resistor divider information (see Figure 22)
and the turn ratio information of the transformer
IN_SCALE_MONITOR =
PRI
SEC
N
N
R2
R1
R2
×
+
where NPRI and NSEC are the turns of the primary side
and secondary side windings, respectively, of the
transformer.
2. Apply the nominal input voltage at the no load condition
to achieve a targeted voltage of approximately 1 V at the
VF pin.
3. Adjust the VF gain trim register (Register 0xFE28) when
the READ_VIN reading in Register 0x88 is the exact
nominal voltage reading.
4. Adjust the input voltage compensation multiplier
(Register 0xFE59) to make the READ_VIN reading
match the exact input voltage at full load condition.
RTD AND OTP TRIM
The RTD requires two trims, one for the ADC and one for the
current source. To use the internal linearization scheme, addi-
tional trimming procedures are required.
Trimming the Current Source
Register 0xFE2D[7:6] sets the value of the RTD current source to
10 µA, 20 µA, 30 µA, or 40 µA. Register 0xFE2D[5:0] can be
used to fine tune the current value. By fine tuning the internal
current source, component tolerance can be compensated and
errors can be minimized. One LSB in Bits[5:0] = 160 nA.
A decimal value of 1 adds 160 nA to the current source set by
Register 0xFE2D[7:6]; a decimal value of 63 adds 63 × 160 nA =
10.08 µA to the current source set by Register 0xFE2D[7:6].
Use Register 0xFE2D[7:6] to program a value for the current
source, selecting the nearest possible option (10 µA, 20 µA, 30 µA,
or 40 µA). Then use Register 0xFE2D[5:0] to achieve the finer
step size.
For example, to use a value of 46 µA as the current source,
follow these steps:
1. Place a known resistor (Rx) from the RTD pin to AGND.
2. Set Register 0xFE2D[7:6] to 11 binary (40 µA).
3. Increase the value of Register 0xFE2D[5:0], 1 LSB at a time,
until the voltage at the RTD pin is VRTD = 46 µA × Rx.
The current source is now calibrated and set to the factory
default value.
Trimming the ADC
The first option for trimming the ADC uses the internal
linearization scheme with 46 µA RTD current, which provides
an accurate reading, expressed in degrees Celsius, read in the
READ_TEMPERATURE command (Register 0x8D) in decimal
format.
Use an R25 = 100 kΩ, 1% accuracy NTC thermistor with beta =
4250, 1% (such as the NCP15WF104F03RC) in parallel with an
external resistor of 16.5 kΩ, 1%, with the ADP1052. With this
NTC thermistor and resistor combination, the ADP1052 default
current source trim is set to 46 µA to achieve the best possible
accuracy over temperatures ranging from 85°C to 125°C.
If an external microcontroller is used, the RTD ADC value
in Register 0xFEAB can be fed into the microcontroller, and
a different linearization scheme can be implemented in terms
of a best fit polynomial for the selected NTC characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com