Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 48 of 113
Clock Generation and Stretching
The ADP1052 is always a PMBus slave device in the overall system;
therefore, the device never needs to generate the clock, which is
done by the master device in the system. However, the PMBus
slave device is capable of clock stretching to force the master into
a wait state. By stretching the SCL signal during the low period, the
slave device communicates to the master device that it is not
ready and the master device must wait.
Conditions in which the PMBus slave device stretches the SCL
line low include the following:
•
The master device is transmitting at a higher baud rate
than the slave device.
•
The receive buffer of the slave device is full and must be
read before continuing. This prevents a data overflow
condition.
•
The slave device is not ready to send data that the master
has requested.
Note that the PMBus slave device can stretch the SCL line during
the low period only. Also, whereas the I2C specification allows
indefinite stretching of the SCL line, the PMBus specification
limits the maximum time that the SCL line can be stretched, or
held low, to 25 ms. After this time period, the slave device must
release the communication lines and reset its state machine.
Start and Stop Conditions
Start and stop conditions involve serial data transitions when the
serial clock is at a logic high level. The PMBus slave device moni-
tors the SDA and SCL lines to detect the start and stop conditions
and transition its internal state machine accordingly. Typical
start and stop conditions are shown in Figure 54.
SCL
SDA
START
STOP
Figure 54. Start and Stop Transitions
GENERAL CALL SUPPORT
The PMBus slave is capable of decoding and acknowledging a
general call address. The PMBus slave device responds to both
its own address and the general call address (0x00). The general
call address enables all devices on the PMBus to be written to
simultaneously.
Note that all PMBus commands must start with a slave address,
with the R/W bit cleared to 0 and followed by the command code.
This is also true when using the general call address to communi-
cate with the PMBus slave device.
10-BIT ADDRESSING
The ADP1052 does not support 10-bit addressing as defined in
the I2C specification.
FAST MODE
Fast mode, with a data rate of 400 kbps, uses essentially the
same mechanics as the standard mode of operation; the electrical
specifications and timing are most affected. The PMBus slave is
capable of communicating with a master device operating in fast
mode or in standard mode, which has a data rate of 100 kbps.
FAULT CONDITIONS
The PMBus protocol provides a comprehensive set of fault
conditions that must be monitored and reported. These fault
conditions can be grouped into two major categories: communi-
cation faults and monitoring faults.
Communication faults are error conditions associated with the
data transfer mechanism of the PMBus protocol. Monitoring
faults are error conditions associated with the operation of the
ADP1052, such as output overvoltage protection. These fault
conditions are described in detail in the Power Monitoring,
Flags, and Fault Responses section.
TIMEOUT CONDITIONS
The SMBus specification includes three clock stretching
specifications related to timeout conditions.
A timeout condition occurs if any single SCL clock pulse is held
low for longer than the minimum tTIMEOUT value of 25 ms. Upon
detecting the timeout condition, the PMBus slave device has 10 ms
to abort the transfer, release the bus lines, and be ready to accept
a new start condition. The device initiating the timeout is required
to hold the SCL clock line low for at least the maximum tTIMEOUT
value of 35 ms, guaranteeing that the slave device is given enough
time to reset its communication protocol.
DATA TRANSMISSION FAULTS
Data transmission faults occur when two communicating devices
violate the PMBus communication protocol, as specified in the
PMBus specification. See the PMBus specification for more
information about each fault condition.
Corrupted Data, Packet Error Checking (PEC)
Packet error checking is not supported by the ADP1052.
Sending Too Few Bits
Transmission is interrupted by a start or stop condition before a
complete byte (eight bits) has been sent. This function is not
supported; any transmitted data is ignored.
Reading Too Few Bits
Transmission is interrupted by a start or stop condition before a
complete byte (eight bits) has been read. This function is not
supported; any received data is ignored.
Host Sends or Reads Too Few Bytes
If a host ends a packet with a stop condition before the required
bytes are sent/received, it is assumed that the host intended to
stop the transfer. Therefore, the PMBus does not consider this
to be an error and takes no action, except to flush any remaining
bytes in the transmit FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com