Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 51 of 113
In the following example, three bytes from Page 4 are read from
the EEPROM, starting from the sixth byte of that page.
1. Set number of return bytes = 3.
A
S
P
A
A
0x03
0xD2
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
Figure 56. Set the Return Bytes Number (= 3)
2. Set the address offset = 5.
A
S
P
A
A
0x00
0x05
0xD3
W
7-BIT SLAVE
ADDRESS
A
MASTER TO SLAVE
SLAVE TO MASTER
Figure 57. Set the Address Offset (= 5)
3. Read three bytes from Page 4.
R
S
A
A
A
Sr
0xB4
W
7-BIT SLAVE
ADDRESS
7-BIT SLAVE
ADDRESS
P
A
...
BYTE COUNT =
0x03
DATA BYTE
1
A
A
DATA BYTE
3
MASTER TO SLAVE
SLAVE TO MASTER
Figure 58. Read Three Bytes from Page 4
Note that the block read command can read a maximum of
256 bytes for any single transaction.
WRITE OPERATION (BYTE WRITE AND BLOCK
WRITE)
The user cannot write directly to the information block; this
block is used by the ADP1052 to store the first flag information
(see the First Flag ID Recording section).
Write to Main Block, Page 0 and Page 1
Page 0 and Page 1 of the main block are reserved for storing the
default settings and the user settings, respectively. The user cannot
perform a direct write operation to Page 0 or Page 1 using the
EEPROM_DATA_xx commands. If the user writes to Page 0,
Page 1 returns a no acknowledge. To program the register contents
of Page 1 of the main block, it is recommended that the STORE_
USER_ALL command be used (Register 0x15). See the Save
Register Settings to the User Settings section.
Write to Main Block, Page 2 to Page 15
Before performing a write to Page 2 through Page 15 of the
main block, the user must first unlock the EEPROM (see the
Unlock the EEPROM section).
Data in Page 2 to Page 15 of the EEPROM main block can be
programmed (written to) one byte at a time or multiple bytes in
series, using the EEPROM_DATA_xx commands (Register 0xB0
to Register 0xBF). Before executing this command, the user can
program the offset from the page boundary where the first byte
is written, using the EEPROM_ADDR_OFFSET command
(Register 0xD3).
If the targeted page has not yet been erased, the user can erase
the page, as described in the Page Erase Operation section.
In the following example, four bytes are written to Page 9,
starting from the 257th byte of that page.
1. Set the address offset = 256.
A
S
P
A
A
0x01
0x00
0xD3
W
7-BIT SLAVE
ADDRESS
A
MASTER TO SLAVE
SLAVE TO MASTER
Figure 59. Set the Address Offset (= 256)
2. Write four bytes to Page 9.
A
S
A
A
BYTE COUNT = 4
0xB9
W
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
P
A
A
...
DATA BYTE 1
DATA BYTE 4
Figure 60. Write Four Bytes to Page 9
Note that the block write command can write a maximum of
256 bytes for any single transaction.
EEPROM PASSWORD
On ADP1052 VDD power-up, the EEPROM is locked and
protected from accidental writes or erases. Only reads from
Page 2 to Page 15 are allowed when the EEPROM is locked.
Before any data can be written (programmed) to the EEPROM,
the EEPROM must be unlocked for write access. After it is
unlocked, the EEPROM is opened for reading, writing, and
erasing.
On power-up, Page 0 and Page 1 are also protected from read
access. The EEPROM must first be unlocked to read these pages.
Unlock the EEPROM
To unlock the EEPROM, perform two consecutive writes
with the correct password (default = 0xFF), using the
EEPROM_PASSWORD command (Register 0xD5). The
EEPROM_UNLOCKED flag (Register 0xFEA2[3]) is set to
indicate that the EEPROM is unlocked for write access.
Lock the EEPROM
To lock the EEPROM, write any byte other than the correct
password, using the EEPROM_PASSWORD command
(Register 0xD5). The EEPROM_UNLOCKED flag is cleared
to indicate that the EEPROM is locked from write access.
Change the EEPROM Password
To change the EEPROM password, first write the correct password,
using the EEPROM_PASSWORD command (Register 0xD5).
Immediately write the new password, using the same command.
The password is now changed to the new password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com