Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 87 of 113
CURRENT SENSE AND LIMIT SETTING REGISTERS
Table 126. Register 0xFE14—CS1 Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Gain polarity
R/W
Setting this bit to 1 means that negative gain is introduced.
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
CS1 gain trim
R/W
This value calibrates the CS1 current sense gain. Apply 1 V dc at the CS1 pin. This register is
trimmed until the CS1 value reads 2560 decimal (0xA00).
Table 127. Register 0xFE15—CS2 Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Gain polarity
R/W
Setting this bit to 1 means that negative gain is introduced.
0 = positive gain is introduced.
1 = negative gain is introduced
[6:0]
CS2 gain trim
R/W
This value calibrates the CS2 current sense gain.
Table 128. Register 0xFE16—CS2 Digital Offset Trim
Bits
Bit Name/Function
R/W
Description
[7:0]
CS2 digital offset trim
R/W
This register contains CS2 digital offset trim value. The value is used to calibrate the CS2 value.
The default value is the factory trim value of CS2 low-side current mode. Copy the Register 0xFB
value to this register to restore the factory trim value of CS2 high-side current sense mode.
Table 129. Register 0xFE17—CS2 Analog Trim
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Analog trim polarity
R/W
Setting this bit to 1 means that negative trim is introduced. Setting this bit to 0 means that
positive trim is introduced.
The default value is the factory trim value of CS2 low-side current sense mode. Copy the Register
0xFA[6] value to this bit to restore the factory trim value of CS2 high-side current sense mode.
[5:0]
CS2 analog trim
R/W
The value calibrates the CS2 analog trim.
The default value is the factory trim value of CS2 low-side current mode. Copy the Register 0xFA[5:0]
value to these bits to restore the factory trim value of CS2 high-side current mode.
Table 130. Register 0xFE19—CS2 Light Load Threshold
Bits
Bit Name/Function
R/W
Description
7
CS2 current sense mode
R/W
0 = CS2 current sense is configured as low-side current sense mode.
1 = CS2 current sense is configured as high-side current sense mode.
[6:5]
CS3_OC_FAULT flag
debounce
R/W
These two bits set the CS3_OC_FAULT flag debounce time.
Bit 6
Bit 5
Debounce Time (ms)
0
0
0
0
1
10
1
0
20
1
1
200
4
CS2 light load mode
enable
R/W
Setting this bit enables the light load mode function. When the CS2 current falls below the CS2
light load mode threshold, the ADP1052 operates in light load mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com