Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 58 of 113
Address
Register Function
Digital Compensator and Modulation Setting Registers
0xFE30
Normal mode compensator low frequency gain settings
0xFE31
Normal mode compensator zero settings
0xFE32
Normal mode compensator pole settings
0xFE33
Normal mode compensator high frequency gain settings
0xFE34
Light load mode compensator low frequency gain settings
0xFE35
Light load mode compensator zero settings
0xFE36
Light load mode compensator pole settings
0xFE37
Light load mode compensator high frequency gain settings
0xFE38
CS1 threshold for volt-second balance
0xFE39
Nominal modulation value for prebias startup
0xFE3A
Constant current speed and SR driver delay
0xFE3B
PWM 180° phase shift settings
0xFE3C
Modulation limit
0xFE3D
Feedforward and soft start filter gain
PWM Outputs Timing Registers
0xFE3E
OUTA rising edge timing
0xFE3F
OUTA falling edge timing
0xFE40
OUTA rising and falling edges timing (LSBs)
0xFE41
OUTB rising edge timing
0xFE42
OUTB falling edge timing
0xFE43
OUTB rising and falling edges timing (LSBs)
0xFE44
OUTC rising edge timing
0xFE45
OUTC falling edge timing
0xFE46
OUTC rising and falling edges timing (LSBs)
0xFE47
OUTD rising edge timing
0xFE48
OUTD falling edge timing
0xFE49
OUTD rising and falling edges timing (LSBs)
0xFE4A
SR1 rising edge timing
0xFE4B
SR1 falling edge timing
0xFE4C
SR1 rising and falling edges timing (LSBs)
0xFE4D
SR2 rising edge timing
0xFE4E
SR2 falling edge timing
0xFE4F
SR2 rising and falling edges timing (LSBs)
0xFE50
OUTA and OUTB modulation settings
0xFE51
OUTC and OUTD modulation settings
0xFE52
SR1 and SR2 modulation settings
0xFE53
PWM output disable
Volt-Second Balance Control Registers
0xFE54
Volt-second balance control general settings
0xFE55
Volt-second balance control on OUTA and OUTB
0xFE56
Volt-second balance control on OUTC and OUTD
0xFE57
Volt-second balance control on SR1 and SR2
Duty Cycle Setting Registers
0xFE58
Duty cycle reading settings
0xFE59
Input voltage compensation multiplier
Adaptive Dead Time Compensation Registers
0xFE5A
Adaptive dead time compensation threshold
0xFE5B
OUTA dead time
0xFE5C
OUTB dead time
0xFE5D
OUTC dead time
0xFE5E
OUTD dead time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com