Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 50 of 113
EEPROM
The ADP1052 has a built-in EEPROM controller that communi-
cates with the embedded 8 kB (or 8192 bytes) EEPROM. The
EEPROM, also called Flash®/EE, is partitioned into two major
blocks: the information block and the main block. The information
block contains 128 8-bit bytes (for internal use only), and the main
block contains 8192 8-bit bytes. The main block is further parti-
tioned into 16 pages, with each page containing 512 bytes.
EEPROM FEATURES
The function of the EEPROM controller is to decode the operation
that is requested by the ADP1052 and to provide the necessary
timing to the EEPROM interface. Data is written to or read
from the EEPROM, as requested by the decoded command.
Features of the EEPROM controller include
•
Separate page erase functions for each page in the EEPROM
•
Single byte and multibyte (block) read of the information
block with up to 128 bytes at a time
•
Single byte and multibyte (block) write and read of the
main block with up to 256 bytes at a time
•
Automatic upload on startup, from the user settings to the
internal registers
•
Separate commands to upload and download data, from
the factory default or user settings to the internal registers
EEPROM OVERVIEW
The EEPROM controller provides an interface between the
ADP1052 core logic and the built-in EEPROM. The user can
control data access to and from the EEPROM through this
controller interface. Different PMBus commands are available
for the read, write, and erase operations to the EEPROM.
Communication is initiated by the master device sending a
command to the PMBus slave device to access data from or
send data to the EEPROM. Read, write, and erase commands
are supported. Data is transferred between devices in a byte
wide format. Using a read command, data is received from the
EEPROM and transmitted to the master device. Using a write
command, data is received from the master device and stored in
the EEPROM through the EEPROM controller.
PAGE ERASE OPERATION
The main block consists of 16 equivalent pages of 512 bytes
each, numbered Page 0 to Page 15. Page 0 and Page 1 of the
main block are reserved for storing the default settings and user
settings, respectively. The user cannot perform a page erase
operation on Page 0 or Page 1. Page 3 is reserved for storing the
power board parameters for the GUI.
Only Page 4 to Page 15 of the main block can be used to store
data. To erase any page from Page 4 to Page 15, the EEPROM
must first be unlocked for access. For instructions on how to
unlock the EEPROM, see the Unlock the EEPROM section.
Each page of the main block, from Page 4 to Page 15, can be
individually erased using the EEPROM_PAGE_ERASE command
(Register 0xD4). For example, to perform a page erase of Page 10,
execute the following command, as shown in Figure 55.
A
S
P
A
A
DATA BYTE
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
MASTER TO SLAVE
SLAVE TO MASTER
Figure 55. Example Erase Command
In this example, command code = 0xD4 and data byte = 0x0A.
Note that it is important to wait at least 35 ms for the page erase
operation to complete before executing the next PMBus command.
The EEPROM allows erasing of whole pages only; therefore, to
change the data of any single byte in a page, the entire page must
first be erased (set to logic high) for that byte to be writeable.
Subsequent writes to any bytes in that page are allowed only if
that byte has not been previously written to a logic low.
READ OPERATION (BYTE READ AND BLOCK READ)
Read from Main Block, Page 0 and Page 1
Page 0 and Page 1 of the main block are reserved for storing the
default settings and the user settings, respectively, and are intended
to prevent third party access to this data. To read from Page 0 or
Page 1, the user must first unlock the EEPROM (see the Unlock
the EEPROM section). After the EEPROM is unlocked, Page 0 and
Page 1 are readable, using the EEPROM_DATA_xx commands
as described in the Read from Main Block, Page 2 to Page 15
section. Note that when the EEPROM is locked, a read from
Page 0 and Page 1 returns invalid data.
Read from Main Block, Page 2 to Page 15
Data in Page 2 to Page 15 of the main block is always readable,
even with the EEPROM locked. The data in the EEPROM main
block can be read one byte at a time or multiple bytes in series,
using the EEPROM_DATA_xx commands (Register 0xB0 to
Register 0xBF).
Before executing this command, the user must program the
number of bytes to read, using the EEPROM_NUM_RD_BYTES
command (Register 0xD2). Also, the user can program the offset
from the page boundary where the first read byte is returned,
using the EEPROM_ADDR_OFFSET command (Register 0xD3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com