Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 80 of 113
MANUFACTURER SPECIFIC EXTENDED COMMANDS DESCRIPTIONS
FLAG CONFIGURATION REGISTERS
Register 0xFE00 to Register 0xFE03 set the fault flag response and the resolution after the flag is cleared. Register 0xFE05[5:4] sets the
VDD_OV flag response. Register 0xFE05[7:6] sets the global flag reenable delay time.
Table 110. Register 0xFE00 to Register 0xFE05—Flag Response Registers
Register
Bits
Flag
Additional Settings
0xFE00
[7:4]
Reserved
Reserved
[3:0]
IIN_OC_FAST_FAULT_RESPONSE
Register 0xFE08, Register 0xFE0E, Register 0xFE1A, Register 0xFE1F,
Register 0xFEA0, Register 0xFEA3
0xFE01
[7:4]
Extended VOUT_OV_FAULT_RESPONSE
Register 0x40, Register 0x41, Register 0xFE26, Register 0xFE6B, Register 0xFE6C
[3:0]
CS3_OC_FAULT_RESPONSE
Register 0xFE6A, Register 0xFEA0, Register 0xFEA3
0xFE02
[7:4]
VIN_UV_FAULT_RESPONSE
Register 0x35, Register 0x36, Register 0xFE29, Register 0xFEA1, Register 0xFEA4
[3:0]
Reserved
Reserved
0xFE03
[7:4]
SR_RC_FAULT_RESPONSE
Register 0xFE1A, Register 0xFEA1, Register 0xFEA4
[3:0]
FLAGIN_RESPONSE
Register 0xFE12, Register 0xFEA1, Register 0xFEA4
0xFE05
[7:6]
Flag reenable delay
Register 0xFE05, Register 0xFEA0, Register 0xFEA3
[5:4]
VDD_OV_RESPONSE
[3:0]
Reserved
Reserved
Table 111. Register 0xFE00 to Register 0xFE02—Flag Response Register Bit Descriptions
Bits
Bit Name/Function
R/W
Description
[7:6]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 7
Bit 6
Flag Action
0
0
Continues operation without interruption.
0
1
Disables SR1 and SR2.
1
0
Disables all PWM outputs.
1
1
Reserved.
[5:4]
Action after flag
is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 5
Bit 4
Action After Flag Clearing
0
0
After the reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal through Register 0x01, Register 0x02, and/or the CTRL pin,
is needed to reenable the PWM outputs.
1
1
Reserved.
[3:2]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 3
Bit 2
Flag Action
0
0
Continues operation without interruption.
0
1
Disables SR1 and SR2.
1
0
Disables all PWM outputs.
1
1
Reserved.
[1:0]
Action after flag
is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 1
Bit 0
Action After Flag Clearing
0
0
After the reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal, through Register 0x01, Register 0x02, and/or the CTRL pin, is
needed to reenable the PWM outputs.
1
1
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com