Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 90 of 113
Table 133. Register 0xFE1C—PWM Outputs Disable Settings at Deep Light Load Mode
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
SR2 disable
R/W
Setting this bit disables the SR2 output when operating in deep light load mode.
4
SR1 disable
R/W
Setting this bit disables the SR1 output when operating in deep light load mode.
3
OUTD disable
R/W
Setting this bit disables the OUTD output when operating in deep light load mode.
2
OUTC disable
R/W
Setting this bit disables the OUTC output when operating in deep light load mode.
1
OUTB disable
R/W
Setting this bit disables the OUTB output when operating in deep light load mode.
0
OUTA disable
R/W
Setting this bit disables the OUTA output when operating in deep light load mode.
Table 134. Register 0xFE1D—Matched Cycle-by-Cycle Current-Limit Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Enable matched cycle-by-cycle current
limit
R/W
Setting this bit enables the matched cycle-by-cycle current-limit function.
[5:4]
Select PWM output pairs for matched
cycle-by-cycle current limit
R/W
These bits select the PWM pairs for matched cycle-by-cycle current limiting.
Bit 5
Bit 4
PWM Pairs
0
0
OUTB and OUTD
0
1
OUTA and OUTC
1
0
OUTC and OUTD
1
1
OUTA and OUTB
3
OUTD rising edge blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-
limit comparator is referenced to the rising edge of OUTD.
0 = no blanking at the OUTD rising edge.
1 = blanking time referenced to the OUTD rising edge.
2
OUTC rising edge blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-
limit comparator is referenced to the rising edge of OUTC.
0 = no blanking at the OUTC rising edge.
1 = blanking time referenced to the OUTC rising edge.
1
OUTB rising edge blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-
limit comparator is referenced to the rising edge of OUTB.
0 = no blanking at the OUTB rising edge.
1 = blanking time referenced to the OUTB rising edge.
0
OUTA rising edge blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-
limit comparator is referenced to the rising edge of OUTA.
0 = no blanking at the OUTA rising edge.
1 = blanking time referenced to the OUTA rising edge.
Table 135. Register 0xFE1E—Light Load Mode and Deep Light Load Mode Settings
Bits
Bit Name/Function
R/W
Description
[7:6]
CS2 averaging speed for
drooping control
R/W
These bits set the CS2 (output current) averaging speed and resolution used for the drooping
control. Faster speed corresponds to lower resolution and, therefore, lowers accuracy of the
drooping line.
Bit 7
Bit 6
Speed (μs)
Resolution (Bits)
0
0
82
7
0
1
164
8
1
0
328
9
1
1
656
10
[5:4]
Light load mode and deep
light load mode averaging
speed
R/W
These bits set the averaging speed and resolution used for the light load mode threshold and
deep light load mode threshold. Faster speed corresponds to lower resolution and, therefore,
to lower accuracy of the threshold.
Bit 5
Bit 4
Speed (μs)
Resolution (Bits)
0
0
41
6
0
1
82
7
1
0
164
8
1
1
328
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com