Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 14 of 113
THEORY OF OPERATION
The ADP1052 is designed as a flexible, easy to use, digital power
supply controller. The ADP1052 integrates the typical functions
that control power supply, such as
•
Output voltage sense and feedback
•
Voltage feedforward control
•
Digital loop filter compensation
•
PWM generation
•
Current, voltage, and temperature sense
•
Housekeeping and I2C/PMBus interface
•
Calibration and trimming
The main function of controlling the output voltage is through the
feedback ADCs, the digital loop compensator, and the digital
PWM engine.
The feedback ADCs feature a patented multipath architecture,
with a high speed, low resolution (fast and coarse) ADC and a
low speed, high resolution (slow and accurate) ADC. The ADC
outputs are combined to form a high speed and high resolution
feedback path. Loop compensation is implemented using the
digital compensator. This proportional, integral, derivative (PID)
compensator is implemented in the digital domain to allow easy
programming of filter characteristics, which is of great value in
customizing and debugging designs. The PWM engine generates
up to six programmable PWM outputs for control of primary
side FET drivers and synchronous rectification FET drivers. This
programmability allows many generic and specific switching
power supply topologies to be realized.
Conventional power supply housekeeping features, such as input
voltage sense, output voltage sense, primary side current sense,
and secondary side current sense, are included. The device offers
an extensive set of protections, including overvoltage protection
(OVP), overcurrent protection (OCP), overtemperature protection
(OTP), undervoltage protection (UVP), and synchronous rectifier
(SR) reverse current protection (RCP).
All of these features are programmable through the I2C/PMBus
digital bus interface. This interface is also used for calibrations.
Other information, such as input current, output current, and
fault flags, is also available through this digital bus interface.
The internal EEPROM can store all programmed values and allows
standalone control without a microcontroller. A free, downloadable
GUI is available that provides all the necessary software to program
the ADP1052. To obtain the latest GUI software and a user guide,
visit http://www.analog.com/digitalpower.
The ADP1052 operates from a single 3.3 V power supply and is
specified from −40°C to +125°C.
RTD
SDA
SCL
SYNI/FLGI
SR2
SR1
OUTD
OUTC
ADD
VCORE
AGND
RES
PWM
ENGINE
ADC
OSC
DIGITAL CORE
VREF
PMBUS
8kB
EEPROM
VS–
VS+
OVP
CS1
OUTA
ADC
OUTB
VF
CS2–
CS2+
CTRL
VDD
UVLO
LDO
DAC
ADC
ADC
ADC
PG/ALT
Figure 11. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com