Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 26 of 113
PSON SIGNAL
TON_DELAY
REG 0x60
TON_RISE
REG 0x61
HF ADC SETTLING
DEBOUNCE
REG 0xFE3D[5:4]
PGOOD DEBOUNCE
REG 0xFE0E[3:2]
VOUT
SOFT_START_FILTER FLAG
REG 0xFEA2[0]
POWER_OFF FLAG
REG 0x78[6] AND REG 0x79[6]
t0
t1
t2
t3
t4
PG/ALT PIN
Figure 29. Soft Start Timing Diagram
If no faults are present, the PGOOD signal waits for the pro-
grammed debounce time (Register 0xFE0E[3:2]) before the
PG/ALT pin is pulled high at t4. If a fault condition occurs
during the soft start ramp (the time set by the TON_RISE
command, t1 to t2), the ADP1052 responds as programmed,
unless the flag is blanked during soft start. The user can program
which flags are active during the soft start. All flags are active at
the end of the soft start ramp (t2). See the Flag Blanking During
Soft Start section for more information.
The SR1 and SR2 outputs and volt-second balance functions
can also be disabled during the soft start ramp. For more
information, see the Synchronous Rectification section and
Volt-Second Balance Control section, respectively.
Digital Filters During Soft Start
A dedicated soft start filter is used during soft start. The soft start
filter is a pure low frequency filter with a programmable gain. The
filter is disabled at the end of the soft start routine (t2) prior to using
the general digital compensator. The soft start filter gain is pro-
grammed using Register 0xFE3D[1:0].
The soft start filter is used during the ramp time of the voltage
reference, until the VS high frequency ADC is settled. The user
can program (using Register 0xFE3D[4]) whether to add a high
frequency ADC debounce time. The high frequency ADC
debounce time is the interval from when the high frequency
ADC is settled to when the frequency filter takes action. The
debounce time can be programmed at 5 ms or 10 ms using
Register 0xFE3D[5]. During the time when the soft start filter is
in use, the SOFT_START_ FILTER flag is set. It is recommended
that when a fast load transient occurs during soft start, do not
use high frequency ADC debounce time.
Software Reset
The software reset command allows the user to perform a software
reset of the ADP1052. When a 1 is written to Register 0xFE06[0],
the power supply is immediately turned off and then restarted with
a soft start following a restart delay. The restart delay time can be
programmed as 0 ms, 500 ms, 1 sec, or 2 sec (Register 0xFE07[1:0]).
If both TON_DELAY and the restart delay are programmed with
0 ms, a write to this bit has no effect.
Shutdown
When the ADP1052 is commanded to turn off, the PSON signal
clears. Depending on the setting of the OPERATION command,
the ADP1052 shuts down immediately or waits for a user specified
turn-off delay (TOFF_DELAY) prior to the shutdown action.
If the ADP1052 turns off because a fault condition occurs, the
shutdown actions are programmed by the specific fault flag
responses. See the Power Monitoring, Flags, and Fault Responses
section for more information. The PGOOD flag setting debounce
time can be programmed in Register 0xFE0E[1:0]). This debounce
time is from when the PGOOD setting condition is met to when
the PGOOD flag is set and the PG/ALT pin is pulled low.
Power-Good Signals
The ADP1052 has an open-drain, power-good pin, PG (PG/ALT,
Pin 17). When the pin is logic high, the power is good. In addition,
the ADP1052 has a power-good flag, PGOOD, which is a negation
of power good. When this flag is set, it indicates that the power is
not good. The PG/ALT pin and the PGOOD flag can be pro-
grammed to respond to the flags from the following list:
•
VIN_UV_FAULT
•
IIN_OC_FAST_FAULT
•
IOUT_OC_FAULT
•
VOUT_OV_FAULT
•
VOUT_UV_FAULT
•
OT_FAULT
•
OT_WARNING
•
SR_RC_FAULT
Register 0xFE0D programs the masking of these flags, which
prevents them from setting the PGOOD flag and driving the
PG/ALT pin low; whereas Register 0xFE0E[1:0] sets the debounce
time to drive the PG/ALT pin low and set the PGOOD flag (see
Figure 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com