Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 17 of 113
is disabled, the edges are always located between t0 and tS. When
the 180° phase shift is enabled, the edges are located between tS/2
and 3tS/2.
Use the 180° phase shift function to extend the maximum duty
cycle in a multiphase, interleaved converter. Figure 15 shows
a dual-phase, interleaved buck converter. The OUTC and OUTD
PWM outputs are programmed as a 180° phase shift with the
OUTA and OUTB PWM outputs.
Use the phase shedding function for light load efficiency improve-
ment. See the Light Load Mode and Deep Light Load Mode section
for more information. The ADP1052 GUI is recommended for
evaluating this feature.
LOAD
DC
INPUT
DRIVER
DRIVER
Figure 15. Dual-Phase Interleaved Buck Converter Controlled by the
ADP1052
ADAPTIVE DEAD TIME COMPENSATION (ADTC)
The ADTC registers (Register 0xFE5A to Register 0xFE60 and
Register 0xFE66) allow the dead time between the PWM edges to
be adapted on the fly. The ADP1052 uses the ADTC function only
when the CS1 current value (which represents the input current)
falls below the ADTC threshold (programmed in Register 0xFE5A,
see Table 174). The ADP1052 GUI allows the user to program the
dead time values easily, and it is recommended to use the GUI for
this purpose.
Before configuring the ADTC, its threshold must be programmed.
Each individual PWM rising and falling edge (tRX and tFX) can
then be programmed (Register 0xFE5B to Register 0xFE60) to
have a specific dead time offset at a CS1 current of 0 A.
This offset can be positive or negative and is relative to the nominal
edge position. When the CS1 current is between 0 A and the
ADTC threshold, the amount of dead time is linearly adjusted in
steps of 5 ns.
The averaging period of the CS1 current and the speed of
the dead time adjustment can also be programmed in Regis-
ter 0xFE66 to accommodate faster or slower adjustment.
For example, if the ADTC threshold is set to 0.8 A, tR1 has a
nominal rising edge of 100 ns. If the ADTC offset setting for tR1
is 100 ns at a CS1 current of 0 A, tR1 moves to 200 ns when the CS1
current is 0 A and to 150 ns when the CS1 current is 0.4 A.
Similarly, the ADTC can be applied in the negative direction.
LIGHT LOAD MODE AND DEEP LIGHT LOAD MODE
To facilitate efficiency over the load range, the following three
operation modes can be configured in the ADP1052, according
to the voltage on the CS2± pins (to delineate this voltage from
the pins, this data sheet refers to this voltage as the CS2 current,
or sometimes the CS2 threshold):
•
Normal mode. In normal mode, the SR PWM outputs are
in complement with the primary PWM outputs.
•
Light load mode. The SR PWM outputs work, but they are
in phase with the primary PWMs.
•
Deep light load mode. All PWM outputs can be disabled.
Figure 16 shows the operation timing of a hard switched, full
bridge converter. When the CS2 current (output current) drops
across the light load mode threshold programmed by
Register 0xFE19[3:0], the SR1 and SR2 PWM signals switch
from complementary mode (normal mode) to in-phase mode
(light load mode), as shown in Figure 16.
NORMAL MODE
LIGHT LOAD MODE
DEEP LIGHT LOAD
MODE
OUTA, OUTD
OUTB, OUTC
SR1, I_SR1
SR2, I_SR2
Vp_T1, Ip_T2
OUTA, OUTD
OUTB, OUTC
SR1, I_SR1
SR2, I_SR1
Vp_T1, Ip_T2
OUTA, OUTD
NOTES
1Vp_T IS THE TRANSFORMER PRIMARY VOLTAGE.
2Ip_T IS THE TRANSFORMER PRIMARY CURRENT.
OUTB, OUTC
SR1, I_SR1
SR2, I_SR2
Vp_T1, Ip_T2
Figure 16. Light Load Mode and Deep Light Load Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com