Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 57 of 113
EXTENDED COMMAND LIST: MANUFACTURER SPECIFIC
Table 13. Manufacturer Specific Extended Command List Overview
Address
Register Function
Flag Configuration Registers
0xFE00
IIN_OC_FAST_FAULT_RESPONSE
0xFE01
CS3_OC_FAULT_RESPONSE, extended VOUT_OV_FAULT_RESPONSE
0xFE02
VIN_UV_FAULT_RESPONSE
0xFE03
FLAGIN_RESPONSE, SR_RC_FAULT_RESPONSE
0xFE05
Flag reenable delay, VDD_OV_RESPONSE
Soft Start Software Reset Setting Registers
0xFE06
Software reset GO command
0xFE07
Software reset settings
0xFE08
Synchronous rectifier (SR) soft start settings
0xFE09
Soft start setting of open-loop operation
Blanking and PGOOD Setting Registers
0xFE0B
Flag blanking during soft start
0xFE0C
Volt-second balance blanking and SR disable during soft start
0xFE0D
PGOOD mask settings
0xFE0E
PGOOD flag debounce
0xFE0F
Debounce time for asserting PGOOD
Switching Frequency and Synchronization Setting Registers
0xFE11
Synchronization delay time
0xFE12
Synchronization general settings
0xFE13
Dual-ended topology mode
Current Sense and Limit Setting Registers
0xFE14
CS1 gain trim
0xFE15
CS2 gain trim
0xFE16
CS2 digital offset trim
0xFE17
CS2 analog trim
0xFE19
CS2 light load threshold
0xFE1A
IIN_OC_FAST_FAULT_LIMIT and SR_RC_FAULT_LIMIT
0xFE1B
CS2 deep light load mode setting
0xFE1C
PWM outputs disable at deep light load mode
0xFE1D
Matched cycle-by-cycle current-limit settings
0xFE1E
Light load mode and deep light mode settings
0xFE1F
CS1 cycle-by-cycle current-limit settings
Voltage Sense and Limit Setting Registers
0xFE20
VS gain trim
0xFE25
Prebias start-up enable
0xFE26
VOUT_OV_FAULT flag debounce
0xFE28
VF gain trim
0xFE29
VIN_ON and VIN_OFF delay
Temperature Sense and Protection Setting Registers
0xFE2A
RTD gain trim
0xFE2B
RTD offset trim (MSBs)
0xFE2C
RTD offset trim (LSBs)
0xFE2D
RTD current source settings
0xFE2F
OT hysteresis settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com