Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 10 of 113
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
CS1
VF
CS2+
CS2–
VS+
VS–
SYNI/FLGI
SCL
SDA
CTRL
PG/ALT
VCORE
NOTES
1. FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY,
IT IS RECOMMENDED THAT THE EXPOSED PAD
BE SOLDERED TO THE PCB AGND PLANE.
ADP1052
TOP VIEW
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VS−
Inverting Voltage Sense Input. This pin is the connection for the ground line of the power rail. Provide a low
ohmic connection to AGND. To allow for trimming, it is recommended that the resistor divider on this input have
a tolerance specification of ≤0.5%.
2
VS+
Noninverting Voltage Sense Input. This pin signal is referred to VS−. To allow for trimming, it is recommended
that the resistor divider on this input have a tolerance specification of ≤0.5%.
3
CS2−
Inverting Differential Current Sense Input. For best operation, use a nominal voltage of 1.12 V with this pin. When
using low-side current sensing, place a 4.99 kΩ level shifting resistor between the sense resistor and this pin.
When using high-side current sensing in a 12 V application, place a 5.62 kΩ resistor between the sense resistor
and this pin. When using high-side current sensing, apply the formula R = (VOUT − 1.12 V)/1.915 mA. A 0.1%
resistor must be used to connect this circuit. If this pin is not used, connect it to AGND and set the CS2 current
sense to high-side current sense mode (Register 0xFE19[7] = 1 binary).
4
CS2+
Noninverting Differential Current Sense Input. For best operation, use a nominal voltage of 1.12 V with this pin.
When using low-side current sensing, place a 4.99 kΩ level shifting resistor between the sense resistor and this
pin. When using high-side current sensing in a 12 V application, place a 5.62 kΩ resistor between the sense
resistor and this pin. When using high-side current sensing, apply the formula R = (VOUT − 1.12 V)/1.915 mA.
A 0.1% resistor must be used to connect this circuit. If this pin is not used, connect it to AGND and set the CS2
current sense to high-side current sense mode (Register 0xFE19[7] = 1 binary).
5
VF
Feedforward/Voltage Sense/UVLO Protection. Three optional functions can be implemented with this pin:
feedforward, primary side input voltage sensing, and input voltage UVLO protection. This pin is connected
upstream of the output inductor through a resistor divider network. The nominal voltage at this pin should be
1 V. This signal is referred to AGND.
6
CS1
Primary Side Current Sense Input. This pin is connected to the primary side current sensing ADC and to the cycle-
by-cycle current-limit comparator. This signal is referred to AGND. The resistors on this input must have a
tolerance specification of ≤0.5% to allow for trimming. When not in use, connect this pin to AGND.
7
SR1
PWM Logic Output Drive. This signal is referred to AGND. When not in use, disable this pin.
8
SR2
PWM Logic Output Drive. This signal is referred to AGND. When not in use, disable this pin.
9
OUTA
PWM Logic Output Drive. This signal is referred to AGND. When not in use, disable this pin.
10
OUTB
PWM Logic Output Drive. This signal is referred to AGND. When not in use, disable this pin.
11
OUTC
PWM Logic Output Drive. This signal is referred to AGND. This pin can also be programmed as a synchronization
signal output (SYNO). When not in use, disable this pin.
12
OUTD
PWM Logic Output Drive. This signal is referred to AGND. This pin can also be programmed as a synchronization
signal output (SYNO). When not in use, disable this pin.
13
SYNI/FLGI
Synchronization Signal Input/External Signal Input to Generate a Flag Condition. When not in use, connect this
pin to AGND.
14
SCL
I2C/PMBus Serial Clock Input and Output (Open-Drain). This signal is referred to AGND.
15
SDA
I2C/PMBus Serial Data Input and Output (Open-Drain). This signal is referred to AGND.
16
CTRL
PMBus Control Signal. It is recommended that a 1 nF capacitor be connected from the CTRL pin to AGND for
noise debounce and decoupling. This signal is referred to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com