Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 92 of 113
VOLTAGE SENSE AND LIMIT SETTING REGISTERS
Table 137. Register 0xFE20—VS Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Trim polarity
R/W
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
VS gain trim
R/W
These bits set the amount of gain trim that is applied to the VS ADC reading. This register trims the
voltage reading in the READ_VOUT command after the VOUT_CAL_OFFSET trimming is completed.
This register is trimmed until the READ_VOUT reading in the register exactly matches the output
voltage measurement result.
Table 138. Register 0xFE25—Prebias Start-Up Enable
Bits
Bit Name/Function
R/W
Description
7
Prebias startup
enable
R/W
Setting this bit enables the prebias start-up function. If it is enabled, the soft start ramp starts from the
current output voltage. The initial PWM modulation value is generated based on the following: the
Register 0xFE39 setting, the sensed VOUT value, and the sensed VIN value. To introduce the VIN value for
initial modulation calculation, Register 0xFE6C[1] = 1, unless closed-loop input voltage feedforward
operation mode is in use.
[6:0]
Reserved
R/W
Reserved.
Table 139. Register 0xFE26—VOUT_OV_FAULT Flag Debounce
Bits
Bit Name/Function
R/W
Description
[7:6]
VOUT_OV_FAULT
flag debounce
R/W
These bits set the VOUT_OV_FAULT flag debounce time.
Bit 7
Bit 6
Typical Debounce Time (μs)
0
0
0
0
1
1
1
0
2
1
1
8
[5:0]
Reserved
R/W
Reserved
Table 140. Register 0xFE28—VF Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Trim polarity
R/W
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
VF trim
R/W
These bits set the amount of gain trim that is applied to the VF ADC reading. This register trims the
voltage at the VF pin for external resistor tolerances. When there is 1 V on the VF pin, this register is
trimmed until the VF value register reads 1280 decimal (0x500).
Table 141. Register 0xFE29—VIN_ON and VIN_OFF Delay
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
VIN_UV_FAULT enable
R/W
Setting this bit enables the VIN_ON value and the VIN_OFF value used to generate the
VIN_UV_FAULT flag.
4
Power conversion stop delay
R/W
Sets the delay time from when the VIN_LOW flag is set to when the power conversion stops.
0 = 0 ms.
1 = 1 ms.
[3:2]
Power conversion start delay
R/W
Sets the delay time from the clearing of the VIN_LOW flag to the start of the power conversion.
Bit 3
Bit 2
Delay Time (ms)
0
0
0
0
1
10
1
0
40
1
1
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com