Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 63 of 113
Table 26. Register 0x24—VOUT_MAX
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage upper limit.
16-bit, unsigned Integer Y value for linear format: V = Y × 2N. N is defined in the VOUT_MODE
command.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command sets the target voltage to which the output changes when the OPERATION command is set to
margin high. Use the VOUT_TRANSITION_RATE command if the VOUT_MARGIN_HIGH command is modified while the output is
active and in a steady-state condition.
Table 27. Register 0x25—VOUT_MARGIN_HIGH
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the margin high value for the output voltage, in volts.
16-bit, unsigned integer Y value for linear format: V = Y × 2N.
N is defined by the VOUT_MODE command.
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command sets the target voltage to which the output changes when the OPERATION command is set to
margin low. Use the VOUT_TRANSITION_RATE command if the VOUT_MARGIN_LOW command is modified while the output is
active and in a steady-state condition.
Table 28. Register 0x26—VOUT_MARGIN_LOW
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the margin low value for the output voltage, in volts.
16-bit, unsigned Integer Y value for linear format V = Y × 2N.
N is defined by the VOUT_MODE command.
3:1
MUX
LIMITER
VOUT_MAX
OPERATION
COMMAND
VOUT_MARGIN_HIGH
VOUT_MARGIN_LOW
VOUT_TRIM
VOUT_CAL_OFFSET
VOUT_DROOP
IOUT
VOUT_COMMAND
VOUT_
SCALE_
LOOP
REFERENCE
VOLTAGE
EQUIVALENT
Figure 62. Conceptual View of the Output Voltage Related Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com