Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 19 of 113
set by the internal oscillator. This is the second synchroniza-
tion unlock condition, called Synchronization Unlocked
Mode 2, in which the phase shift exceeds 280 ns.
Figure 17 shows the synchronous operation. The internal
frequency, fSW_INT, is the internal free running frequency of the
ADP1052. Before the synchronization is locked, the ADP1052
runs at fSW_INT. The external frequency, fSW_EXT, is the frequency
of the external clock that the ADP1052 needs to synchronize.
After synchronization is locked, the ADP1052 runs at fSW_EXT.
The ADP1052 does not allow the switching frequency to run across
the boundaries of 97.5 kHz, 195.5 kHz, or 390.5 kHz on-the-fly.
Ensure that the external clock does not run across these boundaries;
otherwise, the internal switching frequency cannot be set within
±10% of these boundaries.
110% fSW_INT
114% fSW_INT
fSW_INT
90% fSW_INT
89% fSW_INT
UNIT
OFF
UNIT
ON
UNIT
ON
TIME
EXTERNAL CLOCK FREQUENCY
OPERATING SWITCHING FREQUENCY
INTERNAL CLOCK FREQUENCY
t1
t2
t4
t3
fSW
Figure 17. Synchronization Operation
SYNI/FLGI
SYNI DELAY
TIME SETTING
REG 0xFE11
±3.125%
±6.25%
SYNC OPERATION
AS SLAVE DEVICE
0µs
DEBOUNCE
100µs
DEBOUNCE
FLAGIN FLAG
RESPONSE
REG 0xFE03[3:0]
SYNI MODE
FLGI MODE
SYNI ENABLE
REG 0xFE12[3]
OUTC
OUTD
OUTC IN SYNO MODE
OUTD IN SYNO MODE
DEBOUNCE TIME
REG 0xFE12[1]
SYNO ENABLE
REG 0xFE12[5:4]
POLARITY
REG 0xFE12[2]
PHASE CAPTURE
RANGE SELECTION
REG 0xFE12[6]
SYNI/FLGI
SELECTION
REG 0xFE12[0]
320ns
DEBOUNCE
Figure 18. Synchronization Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com