Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 33 of 113
VOLTAGE READINGS
Input Voltage Reading
The input voltage, which is reported in the READ_VIN command
(Register 0x88), is updated every 10 ms. The VIN_SCALE_
MONITOR command (Register 0xD8) is set for correct input
voltage reading.
The input voltage is sensed through the VF pin (Pin 5). The
VF ADC has an input range of 1.6 V. The raw data is stored in
Register 0xFEAC. The reading is 11 bits, meaning that the LSB size
is 1.6 V/2048 = 781.25 μV.
Because the input voltage signal can be sensed through the
switching node of the secondary windings, the voltage drop
caused by the conduction current in the primary switches,
transformer windings, and copper trace adds to the error to
the input voltage sense. To compensate for the error, use the
following equation:
YCOMP = YUNCOMP ± (N × X ÷ 211)
where:
YCOMP is the compensated VF value in Register 0xFEAC[15:5].
YUNCOMP is the uncompensated VF value in Register 0xFEAC[15:5].
N is the compensation coefficient set in Register 0xFE59[7:0],
and the polarity is set in Register 0xFE58[0].
X is the CS1 current value in Register 0xFEA7[15:4].
The compensated VF value is used for conversion of the
READ_VIN value.
Output Voltage Reading
The output voltage is reported in the READ_VOUT command
(Register 0x8B) and updated every 10 ms. The VOUT_SCALE_
MONITOR command (Register 0x2A) is programmed for correct
output voltage reading.
The output voltage value register (Register 0xFEAA) is updated
every 10 ms via the VS low frequency ADC.
The VS low frequency ADC has an input range of 1.6 V. The raw
data is stored in Register 0xFEAA. The reading is 12 bits, which
means that the LSB size is 1.6 V/4096 = 390.625 μV.
CURRENT READINGS
By default, the current readings are updated every 10 ms; however,
Register 0xFE65[2:0] can be used to change the update rate to
63 ms, 126 ms, 252 ms, or 504 ms.
Input Current Reading
The input current is reported in the READ_IIN command
(Register 0x89). The IIN_SCALE_MONITOR command
(Register 0xD9) is set for correct input current reading.
The input current reading is derived from the CS1 ADC, which has
an input range of 1.6 V. The raw data is stored in Register 0xFEA7.
The reading is 12 bits, which means that the LSB size is 1.6 V/
4096 = 390.625 μV.
Output Current Reading
The output current is reported in the READ_IOUT command
(Register 0x8C). The IOUT_CAL_GAIN command (Regis-
ter 0x38) is programmed for correct output current reading.
The output current reading is derived from the CS2 ADC reading.
The CS2 ADC has an input value range of 120 mV. The raw data
is stored in Register 0xFEA8. The reading is 12 bits, which means
that, within a 120 mV range, the LSB size is 120 mV/4096 =
29.297 μV.
CS3 Current Reading
The CS3 reading is an alternative output current reading that is
calculated using the CS1 reading and the duty cycle values. The
CS3 reading can be used as an alternate output current reading
and protection when the current sense resistor, which provides
the output current signal to CS2, is not used. Derive the output
current reading from the following equation:
IOUT = ICS3 × n
where ICS3 is read from Register 0xFEA9, and n is the turn ratio
of the main transformer (n = NPRI/NSEC).
Each LSB size in Register 0xFEA9 is 4× the LSB size of the CS1
reading in Register 0xFEA7. For example, if 1 LSB = 0.1 A in
Register 0xFEA7[15:4], 1 LSB in Register 0xFEA9[15:4] = 0.4 A.
POWER READINGS
Input Power Reading
The input power value (Register 0xFEAE) is the product of the
VF voltage value in Register 0xFEAC[15:5] and the CS1 current
value in Register 0xFEA7[15:4]. Therefore, a combination of both
voltage and current formulas is used to calculate the power reading
in watts (W). Register 0xFEAE is a 16-bit word. It multiplies two
12-bit numbers and then discards the eight LSBs.
Example: if 1 LSB in Register 0xFEAC[15:5] is 0.01 V and 1 LSB
in Register 0xFEA7[15:4] is 0.01 A, 1 LSB in Register 0xFEAE[15:0]
is 0.01 V × 0.01 A × 28 = 0.0256 W.
Output Power Reading
The output power value (Register 0xFEAF) is the product of the VS
voltage value in Register 0xFEAA[15:4] and the CS2 current value
in Register 0xFEA8[15:4]. Therefore, a combination of both
voltage and current formulas is used to calculate the power
reading in watts. Register 0xFEAF is a 16-bit word. It multiplies
two 12-bit numbers and then discards the eight LSBs.
Example: if 1 LSB in Register 0xFEAA[15:4] is 0.01 V and 1 LSB
in Register 0xFEA8[15:4] is 0.01 A, 1 LSB in Register 0xFEAF[15:0]
is 0.01 V × 0.01 A × 28 = 0.0256 W.
Alternately, the PMBus command READ_POUT (0x96) can be
used, which returns the output power (in watts) in linear data
format. Use Register 0xFE65[2:0] to select the update rate of 10 ms,
63 ms, 126 ms, 252 ms, or 504 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com