Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 70 of 113
OT_FAULT_LIMIT
The OT_FAULT_LIMIT command sets the threshold value (in °C) for overtemperature protection. The range is 0°C to 156°C. If the
setting value is out of range, the limit is 156 and the return value is 156.
Table 46. Register 0x4F—OT_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format X = Y × 2N. N is fixed at 0.
[10:8]
Mantissa high bits
R
Mantissa high bits Y[10:8] value fixed at 0.
[7:0]
Mantissa low bits
R/W
Mantissa low bits Y[7:0] value for linear format X = Y × 2N.
OT_FAULT_RESPONSE
Table 47. Register 0x50—OT_FAULT_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = continues operation without interruption.
01 = continues operation for the Delay Time 1 specified by Bits[2:0] and the delay time unit
specified for that particular fault. If the fault condition is still present at the end of the delay time, the
unit responds as programmed in the retry setting (Bits[5:3]).
10 = shuts down (disables the output) and responds according to the retry setting in Bits[5:3].
11 = the output is disabled while the fault is present. Operation resumes and the output is enabled
when the fault condition no longer exists.
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the device fails to restart
in the allowed number of retries, it disables the output and remains off until the fault is cleared.
The time between the start of each attempt to restart is set by the Delay Time 2 value in Bits[2:0],
together with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until commanded off (by the CTRL pin or
the OPERATION command, or both), VDD is removed, or another fault condition causes the unit to
shut down.
[2:0]
Delay time
R/W
These bits set the delay time.
Bit 2
Bit 1
Bit 0
Delay Time 1 (sec)
Delay Time 2 (ms)
0
0
0
1
252
0
0
1
1
588
0
1
0
1
924
0
1
1
1
1260
1
0
0
1
1596
1
0
1
1
1932
1
1
0
1
2268
1
1
1
1
2604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com