Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 75 of 113
MFR_ID
Table 72. Register 0x99—MFR_ID
Bits
Bit Name/Function
R/W
Description
[7:0]
MFR_ID
R/W
Reads/writes the ID information of the manufacturer, which can be saved in the EEPROM.
MFR_MODEL
Table 73. Register 0x9A—MFR_MODEL
Bit
Bit Name/Function
R/W
Description
[7:0]
MFR_MODEL
R/W
Reads/writes the model information of the manufacturer, which can be saved in the EEPROM.
MFR_REVISION
Table 74. Register 0x9B—MFR_REVISION
Bit
Bit Name/Function
R/W
Description
[7:0]
MFR_REVISION
R/W
Reads/writes the revision information of the manufacturer, which can be saved in the EEPROM.
MFR_VOUT_MIN
The MFR_VOUT_MIN command returns the minimum output voltage of the power converter after achieving regulation. Write 0xFFFF
to reset all values in this register.
Table 75. Register 0xA4—MFR_VOUT_MIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
MFR_VOUT_MAX
The MFR_VOUT_MAX command returns the maximum output voltage of the power converter after achieving regulation. Write 0x0000
to reset the value in this register.
Table 76. Register 0xA5—MFR_VOUT_MAX
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
MFR_IOUT_MAX
The MFR_IOUT_MAX command returns the maximum output current of the power converter after achieving regulation. Write 0x0000
to reset the value in this register.
Table 77. Register 0xA6—MFR_IOUT_MAX
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
MFR_POUT_MAX
The MFR_POUT_MAX command returns the maximum output power of the power converter after achieving regulation. Write 0x0000
to reset the value in this register.
Table 78. Register 0xA7—MFR_POUT_MAX
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com