Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 67 of 113
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command sets the ratio of the voltage
at the current sense element to the sensed current. For devices
using a fixed current sense resistor, it is typically the same value
as the conductance of the resistor. The units are milliohms (mΩ).
Typically, this command is used with the READ_IOUT command.
RSENSE
READ_IOUT
IOUT_CAL_GAIN
IOUT
+
–
ADC
Figure 64. Conceptual View of the Output Current Related Commands
Table 38. Register 0x38—IOUT_CAL_GAIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format, X = Y × 2N, where N is in the range of
−12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format, X = Y × 2N.
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the threshold value for overvoltage protection of the output voltage.
Table 39. Register 0x40—VOUT_OV_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
16-bit, unsigned Integer Y value for linear mode format X = Y × 2N, where N is defined by the
VOUT_MODE command.
Note that the available OV protection limit value must be in the range of 75% to 150% of the nominal
output voltage.
VOUT_OV_FAULT_RESPONSE
Table 40. Register 0x41—VOUT_OV_FAULT_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = continues operation without interruption.
01 = continues operation for the debounce time (Delay Time 1) specified by Register 0xFE26[7:6]. If
the fault persists, retry the number of times specified by the retry setting of this command (Bits[5:3]).
10 = shuts down and responds according to the retry setting in Bits[5:3].
11 = the output is disabled while the fault is present. Operation resumes and the output is enabled
when the fault condition no longer exists.
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the ADP1052 fails to restart
in the allowed number of retries, the output is disabled and remains off until the fault is cleared. The
time between the start of each attempt to restart is set by the Delay Time 2 value in Bits[2:0],
together with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until it is commanded off (by the CTRL pin,
the OPERATION command, or both), VDD is removed, or another fault condition causes the device to
shut down.
[2:0]
Delay time
R/W
These bits set the delay time between the start of each attempt to restart.
Bit 2
Bit 1
Bit 0
Delay Time 2 (ms)
0
0
0
252
0
0
1
588
0
1
0
924
0
1
1
1260
1
0
0
1596
1
0
1
1932
1
1
0
2268
1
1
1
2604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com