Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 30 of 113
POWER MONITORING, FLAGS, AND FAULT RESPONSES
The ADP1052 has extensive system and fault condition
monitoring capabilities for the sensed signals. The system
monitoring functions include current, voltage, power, and
temperature readings. The fault conditions include out-of-limit
values for current, voltage, power, and temperature. The limits
for the fault conditions are programmable, and flags are set
when the limits are exceeded.
FLAGS
The ADP1052 has an extensive set of flags, including the PMBus
standard flags and manufacturer specific flags that are set when
certain limits and thresholds are exceeded or certain conditions are
met. A setting of 1 indicates that a fault or warning event has
occurred. A setting of 0 indicates that a fault or warning event
has not occurred.
PMBus Standard Flags
Figure 33 shows a summary of the ADP1052 PMBus standard
fault status registers. The CLEAR_FAULTS command
(Register 0x03) clears all bits simultaneously in the PMBus status
registers (Register 0x78 to Register 0x7E).
Manufacturer Specific Flags
Register 0xFEA0 to Register 0xFEA2 store the manufacturer
specific flags. These flags include the following (see the
Manufacturer Specific Fault Flag Registers section for details):
•
Housekeeping flags, such as
CHIP_PASSWORD_UNLOCKED, VDD_OV,
EEPROM_UNLOCKED, and CRC_FAULT.
•
Flags that can be programmed for protection responses, such
as CS3_OC_FAULT, FLAGIN, and SR_RC_FAULT.
•
Status flags, such as PGOOD, CONSTANT_CURRENT,
LIGHT_LOAD, SYNC_LOCKED, CHIP_ID, PULSE_SKIP-
PING, ADAPTIVE_DEAD_TIME, DEEP_LIGHT_LOAD,
modulation, and SOFT_START_FILTER.
7
VOUT_OV_FAULT
7
VIN_OV_FAULT
6
VOUT_OV_WARNING
6
VIN_OV_WARNING
5
VOUT_UV_WARNING
5
VIN_UV_WARNING
4
VOUT_UV_FAULT
4
VIN_UV_FAULT
3
VOUT_MAX WARNING
15
VOUT
3
VIN_LOW
2
TON_MAX_FAULT
14
IOUT
2
IIN_OC_FAST_FAULT
1
TOFF_MAX_WARNING
13
INPUT
1
IIN_OC_WARNING
0
VOUT TRACKING ERROR
12
MFR_SPECIFIC
0
PIN_OP_WARNING
11
POWER_GOOD
10
FANS
9
OTHER
8
UNKNOWN
7
IOUT_OC_FAULT
7
MANUFACTURER DEFINED
6
IOUT_OC_LV_FAULT
6
MANUFACTURER DEFINED
5
IOUT_OC_WARNING
5
MANUFACTURER DEFINED
4
IOUT_UC_FAULT
4
MANUFACTURER DEFINED
3
CURRENT SHARE FAULT
3
MANUFACTURER DEFINED
2
IN POWER LIMITING MODE
7
BUSY
2
MANUFACTURER DEFINED
1
POUT_OP_FAULT
6
POWER_OFF
1
MANUFACTURER DEFINED
0
POUT_OP_WARNING
5
VOUT_OV_FAULT
0
MANUFACTURER DEFINED
4
IOUT_OC_FAULT
3
VIN_UV_FAULT
2
TEMPERATURE
1
CML
7 OT_FAULT
0
NONE OF THE ABOVE
7
FAN 1 FAULT
6 OT_WARNING
6
FAN 2 FAULT
5 UT_WARNING
5
FAN 1 WARNING
4 UT_FAULT
4
FAN 2 WARNING
3 RESERVED
3
FAN 1 SPEED OVERRIDE
2 RESERVED
2
FAN 2 SPEED OVERRIDE
1 RESERVED
1
AIR FLOW FAULT
0 RESERVED
0
AIR FLOW WARNING
7
INVALID/UNSUPPORTED COMMAND
7
RESERVED
7
FAN 3 FAULT
6
INVALID/UNSUPPORTED DATA
6
RESERVED
6
FAN 4 FAULT
5
PACKET ERROR CHECK FAILED
5
INPUT A FUSE/BREAKER FAULT
5
FAN 3 WARNING
4
MEMORY FAULT DETECTED
4
INPUT B FUSE/BREAKER FAULT
4
FAN 4 WARNING
3
PROCESSOR FAULT DETECTED
3
INPUT A OR’ING DEVICE FAULT
3
FAN 3 SPEED OVERRIDE
2
RESERVED
2
INPUT B OR’ING DEVICE FAULT
2
FAN 4 SPEED OVERRIDE
1
OTHER COMMUNICATION FAULT
1
OUTPUT OR’ING DEVICE FAULT
1
RESERVED
0
OTHER MEMORY OR LOGIC FAULT
0
RESERVED
0
RESERVED
STATUS_OTHER
STATUS_IOUT (REG 0x7B)
STATUS_VOUT (REG 0x7A)
STATUS_TEMPERATURE (REG 0x7D)
STATUS_WORD (REG 0x79)
(UPPER BYTE OF STATUS_WORD)
STATUS_FANS_3_4
STATUS_INPUT (REG 0x7C)
STATUS_MFR_SPECIFIC
STATUS_FANS_1_2
STATUS_CML (REG 0x7E)
STATUS_BYTE (REG 0x78)
(LOWER BYTE OF STATUS_WORD)
Figure 33. Summary of the Fault Status Registers (Commands in Black are Supported; Commands in Gray are Not Supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com