Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 99 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 99 of 113
Table 166. Register 0xFE52—SR1 and SR2 Modulation Settings
Bits
Bit Name/Function
R/W
Description
7
SR2 tR6 modulation enable
R/W
0 = no PWM modulation of the tR6 edge.
1 = PWM modulation acts on the tR6 edge.
6
SR2 tR6 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR6 to the right.
1 = negative sign. Increase of PWM modulation moves tR6 to the left.
5
SR2 tF6 modulation enable
R/W
0 = no PWM modulation of the tF6 edge.
1 = PWM modulation acts on the tF6 edge.
4
SR2 tF6 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF6 to the right.
1 = negative sign. Increase of PWM modulation moves tF6 to the left.
3
SR1 tR5 modulation enable
R/W
0 = no PWM modulation of the tR5 edge.
1 = PWM modulation acts on the tR5 edge.
2
SR1 tR5 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR5 to the right.
1 = negative sign. Increase of PWM modulation moves tR5 to the left.
1
SR1 tF5 modulation enable
R/W
0 = no PWM modulation of the tF5 edge.
1 = PWM modulation acts on the tF5 edge.
0
SR1 tF5 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF5 to the right.
1 = negative sign. Increase of PWM modulation moves tF5 to the left.
Table 167. Register 0xFE53—PWM Output Disable
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
SR2 disable
R/W
Setting this bit disables the SR2 output.
4
SR1 disable
R/W
Setting this bit disables the SR1 output.
3
OUTD disable
R/W
Setting this bit disables the OUTD output.
2
OUTC disable
R/W
Setting this bit disables the OUTC output.
1
OUTB disable
R/W
Setting this bit disables the OUTB output.
0
OUTA disable
R/W
Setting this bit disables the OUTA output.
VOLT-SECOND BALANCE CONTROL REGISTERS
Table 168. Register 0xFE54—Volt-Second Balance Control General Settings
Bits
Bit Name/Function
R/W
Description
7
Volt-second balance enable control
R/W
Setting this bit enables volt-second balance control.
6
Volt-second balance control
source selection, OUTD
R/W
If this bit is set, the OUTD rising edge is selected as the start of the integration period
for volt-second balance control.
5
Volt-second balance control
source selection, OUTC
R/W
If this bit is set, OUTC rising edge is selected as the start of the integration period for
volt-second balance control.
4
Volt-second balance control
source selection, OUTB
R/W
If this bit is set, OUTB rising edge is selected as the start of the integration period for
volt-second balance control.
3
Volt-second balance control
source selection, OUTA
R/W
If this bit is set, OUTA rising edge is selected as the start of the integration period for
volt-second balance control.
2
Volt-second balance control limit
R/W
This bit sets the maximum amount of modulation from the volt-second control circuit.
0 = ±160 ns.
1 = ±80 ns.
[1:0]
Volt-second balance control gain
R/W
These bits set the gain of the volt-second balance control. The gain can be changed by
a factor of 64. When these bits are set to 00, it takes approximately 700 ms to achieve
volt-second balance. When these bits are set to 11, it takes approximately 10 ms to
achieve volt-second balance.
Bit 1
Bit 0
Volt-Second Balance Loop Gain
0
0
1
0
1
4
1
0
16
1
1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com