Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 101 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 101 of 113
DUTY CYCLE READING SETTING REGISTERS
Table 172. Register 0xFE58—Duty Cycle Reading Settings
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
OUTD duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTD duty cycle value.
4
OUTC duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTC duty cycle value.
3
OUTB duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTB duty cycle value.
2
OUTA duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTA duty cycle value.
1
Duty cycle reporting for
phase-shifted topology
R/W
Setting this bit enables duty cycle reporting for phase-shifted full bridge topology. The duty cycle
value represents the overlapping of OUTA and OUTD in the phase-shifted full bridge topology.
0
Polarity setting for input
voltage compensation
R/W
Setting this bit applies an offset on the input voltage reading, READ_VIN, based on the reading of
the input current, READ_IIN. The compensation multiplier is set in Register 0xFE59. It is used to
compensate the voltage drop caused by the current conduction.
0 = positive polarity compensation.
1 = negative polarity compensation.
Table 173. Register 0xFE59—Input Voltage Compensation Multiplier
Bits
Bit Name/Function
R/W
Description
[7:0]
Input voltage compensation
multiplier
R/W
These bits specify the multiplier, N, for the input voltage compensation coefficient. The
compensation equation is N × (Register 0xFEA7[15:4] value) ÷ 211, and the result is added to
Register 0xFEAC[15:5]. The compensation polarity is set by Register 0xFE58[0].
ADAPTIVE DEAD TIME COMPENSATION REGISTERS
Table 174. Register 0xFE5A—Adaptive Dead Time Compensation Threshold
Bits
Bit Name/Function
R/W
Description
[7:0]
Adaptive dead time
compensation
threshold
R/W
This register sets the adaptive dead time compensation threshold. The 8-bit number is compared to
the 8 MSBs of the CS1 value register (Register 0xFEA7). When the CS1 current falls below this threshold,
the edges of the PWM signals are affected as a linear function of the CS1 current, as programmed in
Register 0xFE5B to Register 0xFE60. When the register is programmed to 0x00, the adaptive dead time
compensation function is disabled.
Table 175. Register 0xFE5B—OUTA Dead Time
Bits
Bit Name/Function
R/W
Description
7
tR1 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[6:4]
tR1 offset multiplier
R/W
This value multiplies the step size specified by Register 0xFE66[2:0] to determine the tR1 offset from
nominal timing at 0 A input current.
Bit 6
Bit 5
Bit 4
Multiplier
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com