Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 73 of 113
STATUS_VOUT
Table 58. Register 0x7A—STATUS_VOUT
Bits
Bit Name/Function
R/W
Description
7
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
[6:5]
Reserved
R
Reserved.
4
VOUT_UV_FAULT
R
An output undervoltage fault has occurred.
3
VOUT_MAX warning
An attempt was made to set the output voltage to a value greater than allowed by the VOUT_MAX
command.
[2:0]
Reserved
R
Reserved.
STATUS_IOUT
Table 59. Register 0x7B—STATUS_IOUT
Bits
Bit Name/Function
R/W
Description
7
IOUT_OC_FAULT
R
An output overcurrent fault has occurred.
[6:0]
Reserved
R
Reserved.
STATUS_INPUT
Table 60. Register 0x7C—STATUS_INPUT
Bits
Bit Name/Function
R/W
Description
[7:5]
Reserved
R
Reserved.
4
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
3
VIN_LOW
R
The unit is off due to insufficient input voltage.
2
IIN_OC_FAST_FAULT
R
An input overcurrent fast fault has occurred.
[1:0]
Reserved
R
Reserved.
STATUS_TEMPERATURE
Table 61. Register 0x7D—STATUS_TEMPERATURE
Bits
Bit Name/Function
R/W
Description
7
OT_FAULT
R
An overtemperature fault has occurred.
6
OT_WARNING
R
An overtemperature warning has occurred.
[5:0]
Reserved
R
Reserved.
STATUS_CML
Table 62. Register 0x7E—STATUS_CML
Bits
Bit Name/Function
R/W
Description
7
CMD_ERR
R
An invalid or unsupported command is received.
6
DATA_ERR
R
Invalid or unsupported data is received.
[5:2]
Reserved
R
Reserved.
1
COMM_ERR
R
Other communication fault is detected.
0
Reserved
R
Reserved.
READ_VIN
The READ_VIN command returns the input voltage value (V) in linear format.
Table 63. Register 0x88—READ_VIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_IIN
The READ_IIN command returns the input current value (A) in linear format.
Table 64. Register 0x89—READ_IIN
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com