Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 68 of 113
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command sets the threshold value for undervoltage protection of the output voltage.
Table 41. Register 0x44—VOUT_UV_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
16-bit, unsigned integer Y value for linear format X = Y × 2N. N is defined by the VOUT_MODE
command.
VOUT_UV_FAULT_RESPONSE
Table 42. Register 0x45—VOUT_UV_FAULT_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = continues operation without interruption.
01 = continues operation for the Delay Time 1 (Bits[2:0]). If the fault persists, retry the number of
times specified by the retry setting (Bits[5:3]).
10 = shuts down (disables the output) and responds according to the retry setting in Bits[5:3].
11 = the output is disabled while the fault is present. Operation resumes and the output is enabled
when the fault condition no longer exists.
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the unit fails to restart in
the allowed number of retries, it disables the output and remains off until the fault is cleared. The time
between the start of each attempt to restart is set by the Delay Time 2 value in Bits[2:0], together
with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until it is commanded off (by the CTRL pin
or the OPERATION command, or both), VDD is removed, or another fault condition causes the unit to
shut down.
[2:0]
Delay time
R/W
These bits set the delay time for the VOUT_UV_FAULT_RESPONSE Delay Time 1 and Delay Time 2 as
described in Bits[7:6] and Bits[5:3].
Bit 2
Bit 1
Bit 0
Delay Time 1 (ms)
Delay Time 2 (ms)
0
0
0
0
252
0
0
1
20
588
0
1
0
40
924
0
1
1
80
1260
1
0
0
160
1596
1
0
1
320
1932
1
1
0
640
2268
1
1
1
1280
2604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com