Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 91 of 113
Bits
Bit Name/Function
R/W
Description
[3:2]
Light load mode and deep
light load mode hysteresis
R/W
These bits set the amount of hysteresis applied to the light load mode and deep light load mode
thresholds. The size of the LSB is affected by different speed and resolution selected in Bits[5:4].
If the 120 mV ADC range is used with 8-bit resolution, the LSB size is 120 mV/28 = 469 μV.
Bit 3
Bit 2
Hysteresis (LSB)
0
0
3
0
1
8
1
0
12
1
1
16
1
SR2 response to cycle-by-
cycle limit
R/W
This bit is applicable only when the SR2 output is programmed to be in complement with the
OUTA output. When this bit is set and there is a cycle-by-cycle current limit, the SR2 rising edge
is turned on when the cycle-by-cycle current limit disables the OUTA. Its falling edge still follows
the programmed value.
0
SR1 response to cycle-by-
cycle limit
R/W
This bit is applicable only when the SR1 output is programmed to be in complement with the
OUTB output. When this bit is set, and there is a cycle-by-cycle current limit, the SR1 rising edge
is turned on when the cycle-by-cycle current limit disables the OUTB. Its falling edge still follows
the programmed value.
Table 136. Register 0xFE1F—CS1 Cycle-by-Cycle Current-Limit Settings
Bits
Bit Name/Function
R/W
Description
7
CS1 cycle-by-cycle
current-limit comparator
ignored
R/W
Setting this bit causes the CS1 OCP comparator output to be ignored. The CS1_OCP internal flag
is always cleared.
[6:4]
Leading edge blanking
R/W
These bits determine the leading edge blanking time. During this time, the CS1 OCP comparator
output is ignored. This time is measured from the rising edges of OUTA, OUTB, OUTC, and OUTD
(programmable in Register 0xFE1D[3:0]).
Bit 6
Bit 5
Bit 4
Leading Edge Blanking Time (ns)
0
0
0
0
0
0
1
40
0
1
0
80
0
1
1
120
1
0
0
200
1
0
1
400
1
1
0
600
1
1
1
800
[3:2]
Reserved
R/W
Reserved.
[1:0]
CS1 cycle-by-cycle
current-limit
debounce time
R/W
These bits set the CS1 cycle-by-cycle current-limit debounce time. This is the minimum time that
the CS1 signal must be constantly above the CS1 cycle-by-cycle current-limit reference before the
PWM outputs are shut down. When this happens, the selected PWM outputs can be disabled for the
remainder of the switching cycle.
Bit 1
Bit 0
Debounce Time (ns)
0
0
0
0
1
40
1
0
80
1
1
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com