Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 8 of 113
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Start Setup Time
tSU; STA
0.6
µs
Repeated start condition setup time
Start Hold Time
tHD; STA
0.6
µs
Hold time after (repeated) start condition;
after this period, the first clock is
generated
Stop Setup Time
tSU; STO
0.6
µs
SDA Setup Time
tSU; DAT
100
ns
SDA Hold Time
tHD;DAT
125
ns
For readback
300
ns
For write
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Time
tLOW
0.6
µs
SCL High Time
tHIGH
0.6
µs
SCL Low Extend Time
tLOW; SEXT
25
ms
SCL, SDA Rise Time
tR
20
300
ns
SCL, SDA Fall Time
tF
20
300
ns
EEPROM
EEPROM Update Time
40
ms
Time from the update command to
completion of the EEPROM update
Reliability
Endurance2
10,000
Cycles
TJ = 85°C
1000
Cycles
TJ = 125°C
Data Retention3
20
Years
TJ = 85°C
15
Years
TJ = 125°C
1
CS3 is an alternative output current reading that is calculated by the CS1 reading (representing input current), duty cycle, and main transformer turn ratio.
2
Endurance is qualified per JEDEC Standard 22, Method A117, measured at −40°C, +25°C, +85°C, and +125°C.
3
Retention lifetime equivalent at junction temperature per JEDEC Standard 22, Method A117.
Timing Diagram
SCL
SDA
P
S
tBUF
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tHD;STA
tSU;STA
tSU;STO
tLOW
tR
tF
S
P
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com