Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 97 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 97 of 113
PWM OUTPUTS TIMING REGISTERS
Figure 68 and Register 0xFE3E to Register 0xFE53 describe the implementation and programming of the six PWM signals that are
generated by the ADP1052.
OUTA
OUTB
OUTC
OUTD
SR1
SR2
tF1
tR1
tF2
tR2
tF3
tR3
tF4
tR4
tF5
tR5
tF6
tR6
tPERIOD
tPERIOD
Figure 68. PWM Timing Diagram
Table 161. Register 0xFE3E/41/44/47/4A/4D—OUTA/OUTB/OUTC/OUTD/SR1/SR2 Rising Edge Timing
Bits
Bit Name/Function
R/W
Description
[7:0]
Rising edge timing, tRx,
MSBs
R/W
This register contains the eight MSBs of the 12-bit tRx time. This value is always used with the top
four bits of Register 0xFE40, Register 0xFE43, Register 0xFE46, Register 0xFE49, Register 0xFE4C,
and Register 0xFE4F, which contain the four LSBs of the tRx time.
tRx represents tR1, tR2, tR3, tR4, tR5, and tR6. Each LSB corresponds to 5 ns resolution.
Table 162. Register 0xFE3F/42/45/48/4B/4E—OUTA/OUTB/OUTC/OUTD/SR1/SR2 Falling Edge Timing
Bits
Bit Name/Function
R/W
Description
[7:0]
Falling edge timing, tFx,
MSBs
R/W
This register contains the eight MSBs of the 12-bit tFx time. This value is always used with the
bottom four bits of Register 0xFE40, Register 0xFE43, Register 0xFE46, and Register 0xFE49, as
well as Register 0xFE4C and Register 0xFE4F, which contain the four LSBs of the tFx time.
tFx represents tF1, tF2, tF3, tF4, tF5, and tF6. Each LSB corresponds to 5 ns resolution.
Table 163. Register 0xFE40/43/46/49/4C/4F—OUTA/OUTB/OUTC/OUTD/SR1/SR2 Rising and Falling Edge Timing (LSBs)
Bits
Bit Name/Function
R/W
Description
[7:4]
Rising edge timing, tRx,
LSBs
R/W
These bits contain the four LSBs of the 12-bit tRx time. This value is always used with the eight bits of
Register 0xFE3E, Register 0xFE41, Register 0xFE44, and Register 0xFE47, as well as Register 0xFE4A
and Register0xFE4D, which contain the eight MSBs of the tRx time.
tRx represents tR1, tR2, tR3, tR4, tR5, and tR6. Each LSB corresponds to 5 ns resolution.
[3:0]
Falling edge timing, tFx,
LSBs
R/W
These bits contain the four LSBs of the 12-bit tFx time. This value is always used with the eight bits
of Register 0xFE3F, Register 0xFE42, Register 0xFE45, and Register 0xFE48, as well as Register 0xFE4B
and Register 0xFE4E, which contain the eight MSBs of the tFx time.
tFx represents tF1, tF2, tF3, tF4, tF5, and tF6. Each LSB corresponds to 5 ns resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com