Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 54 of 113
PMBus COMMAND SET
Table 12. PMBus/SMBus Command List Overview
Command
Code
Command Name
PMBus/
SMBus
Transaction
Type1
Number
of Data
Bytes
Default
Value2 Description
0x01
OPERATION
R/W
1
0x00
Turns the unit on and off in conjunction with the input from
the CTRL pin.
0x02
ON_OFF_CONFIG
R/W
1
0x00
Requires a combination of the CTRL pin and serial bus
commands to turn the unit on and off.
0x03
CLEAR_FAULTS
Send byte
0
N/A
Clears all bits in the PMBus status registers simultaneously.
0x10
WRITE_PROTECT
R/W
1
0x00
Protects against accidental writes to the PMBus device.
Reads are allowed.
0x12
RESTORE_DEFAULT_ALL
Send byte
0
N/A
Downloads the factory default settings from EEPROM (Page 0)
to registers.
0x15
STORE_USER_ALL
Send byte
0
N/A
Saves the user settings from the registers to the EEPROM
(Page 1).
0x16
RESTORE_USER_ALL
Send byte
0
N/A
Downloads the user settings from the EEPROM (Page 1) to
the registers.
0x19
CAPABILITY
R
1
0x20
Allows the host system to determine the capabilities of the
PMBus device.
0x20
VOUT_MODE
R
1
0x16
Sets/reads the formats for the VOUT related commands.
0x21
VOUT_COMMAND
R/W
2
0x0000 Sets the VOUT to the commanded value.
0x22
VOUT_TRIM
R/W
2
0x0000 Applies a fixed offset voltage to the output voltage
command value.
0x23
VOUT_CAL_OFFSET
R/W
2
0x0000 Applies a fixed offset voltage to the output voltage
command value.
0x24
VOUT_MAX
R/W
2
0x0000 Sets an upper limit on the output voltage.
0x25
VOUT_MARGIN_HIGH
R/W
2
0x0000 When the OPERATION command is set to margin high,
Command 0x25 defines the voltage output setting.
0x26
VOUT_MARGIN_LOW
R/W
2
0x0000 When the OPERATION command is set to margin low,
Command 0x26 defines the voltage output setting.
0x27
VOUT_TRANSITION_RATE
R/W
2
0x7BFF Sets the rate at which the output changes voltage.
0x28
VOUT_DROOP
R/W
2
0x0000 Sets the rate at which the output voltage changes with the
output current.
0x29
VOUT_SCALE_LOOP
R/W
2
0x0001 Establishes the scale factor for setting the output voltage,
which is related to the resistor divider.
0x2A
VOUT_SCALE_MONITOR
R/W
2
0x0001 Establishes the scale factor for the READ_VOUT command,
which typically can be the same as the VOUT_SCALE_LOOP
command.
0x33
FREQUENCY_SWITCH
R/W
2
0x0031 Sets the switching frequency of the output voltage.
0x35
VIN_ON
R/W
2
0x0000 Sets the input voltage at which the unit starts the power
conversion.
0x36
VIN_OFF
R/W
2
0x0000 Sets the input voltage at which the unit stops the power
conversion.
0x38
IOUT_CAL_GAIN
R/W
2
0x0000 Establishes the scale factor for the READ_IOUT command.
0x40
VOUT_OV_FAULT_LIMIT
R/W
2
0x0000 Sets the limit for triggering the OV_FAULT flag.
0x41
VOUT_OV_FAULT_RESPONSE R/W
1
0x00
Establishes the fault response for the OV_FAULT flag.
0x44
VOUT_UV_FAULT_LIMIT
R/W
2
0x0000 Sets the limit for triggering the VOUT_UV_FAULT flag.
0x45
VOUT_UV_FAULT_RESPONSE R/W
1
0x00
Establishes the fault response for the VOUT_UV_FAULT flag.
0x46
IOUT_OC_FAULT_LIMIT
R/W
2
0x0000 Sets the limit for triggering the OC_FAULT flag.
0x47
IOUT_OC_FAULT_RESPONSE R/W
1
0x00
Establishes the fault response for the OC_FAULT flag.
0x48
IOUT_OC_LV_FAULT_LIMIT
R/W
2
0x0000 Sets the voltage threshold in cases where the response to
an overcurrent condition is to operate in a constant current
mode unless the output voltage is pulled below the
specified limit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com