Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 74 of 113
READ_VOUT
The READ_VOUT command returns the output voltage value (V) in linear format.
Table 65. Register 0x8B—READ_VOUT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R
16-bit, unsigned integer Y value for linear format, X = Y × 2N. N is defined in the VOUT_MODE
command.
READ_IOUT
The READ_IOUT command returns the output current value (A) in linear format.
Table 66. Register 0x8C—READ_IOUT
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_TEMPERATURE
The READ_TEMPERATURE command returns the temperature value (°C) in linear format.
Table 67. Register 0x8D—READ_TEMPERATURE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, N value for linear format, X = Y × 2N.
5-bit, twos complement, fixed at 00000.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_DUTY_CYCLE
The READ_DUTY_CYCLE command returns the duty cycle of the PWM output value in linear format.
Table 68. Register 0x94—READ_DUTY_CYCLE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N where N is fixed at 10110 (−10 decimal).
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_FREQUENCY
The READ_FREQUENCY command returns the switching frequency value in linear format.
Table 69. Register 0x95—READ_FREQUENCY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_POUT
The READ_POUT command returns the output power (W) of the power converter.
Table 70. Register 0x96—READ_POUT
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
READ_PMBUS_REVISION
The READ_PMBUS_REVISION command returns the PMBus version information. The ADP1052 supports PMBus Revision 1.2.
Reading of this command results in a value of 0x22.
Table 71. Register 0x98—READ_PMBUS_REVISION
Bits
Bit Name/Function
R/W
Description
[7:4]
Part1 revision
R
Compliant to PMBus specifications, Part 1: 0010 = Revision 1.2.
[3:0]
Part2 revision
R
Compliant to PMBus specifications, Part 2: 0010 = Revision 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com