Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 94 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 94 of 113
DIGITAL COMPENSATOR AND MODULATION
SETTING REGISTERS
POLE LOCATION
RANGE
ZERO
100Hz
500Hz
1kHz
5kHz
10kHz
POLE
LF FILTER
HF FILTER
Figure 66. Digital Compensator Programmability
Table 147. Register 0xFE30—Normal Mode Compensator
Low Frequency Gain Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Normal mode
low frequency
gain
R/W
This register determines the low
frequency gain of the digital
compensator in normal mode. It is
programmable over a 48.13 dB
range. See Figure 66.
Table 148. Register 0xFE31—Normal Mode Compensator
Zero Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Normal
mode
zero settings
R/W
This register determines the position
of the zero of the digital compensator
in normal mode. See Figure 66.
Table 149. Register 0xFE32—Normal Mode Compensator
Pole Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Normal
mode
pole settings
R/W
This register determines the position
of the pole of the digital compensator
in normal mode. See Figure 66.
Table 150. Register 0xFE33—Normal Mode Compensator
High Frequency Gain Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Normal mode
high
frequency
gain
R/W
This register determines the high
frequency gain of the digital
compensator in normal mode. It is
programmable over a 48.13 dB
range. See Figure 66.
Table 151. Register 0xFE34—Light Load Mode Compensator
Low Frequency Gain Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Light load
mode low
frequency
gain
R/W
This register determines the low frequency
gain of the digital compensator in light
load mode and deep light load mode. It is
programmable over a 48.13 dB range. See
Figure 66.
Table 152. Register 0xFE35—Light Load Mode Compensator
Zero Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Light load
mode zero
setting
R/W
This register determines the position
of the zero of the digital
compensator in light load mode and
deep light load mode. See Figure 66.
Table 153. Register 0xFE36—Light Load Mode Compensator
Pole Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Light load
mode pole
setting
R/W
This register determines the
position of the pole of the digital
compensator in light load mode and
deep light load mode. See Figure 66.
Table 154. Register 0xFE37—Light Load Mode Compensator
High Frequency Gain Settings
Bits
Bit Name/
Function
R/W
Description
[7:0]
Light load mode
high frequency
gain
R/W
This register determines the
high frequency gain of the
digital compensator in light
load mode and deep light load
mode. It is programmable over a
48.13 dB range. See Figure 66.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com