| Electronic Components Datasheet Search |
|
ADP1052ACPZ-R7 Datasheet(PDF) 83 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1052ACPZ-R7 Datasheet(HTML) 83 Page - Analog Devices |
|
83 / 113 page ![]() Data Sheet ADP1052 Rev. B | Page 83 of 113 Table 117. Register 0xFE09—Soft Start Setting of Open-Loop Operation Bits Bit Name/Function R/W Description 7 Open-loop operation soft start enable R/W Setting this bit enables the soft start of open-loop operation. 6 OUTA, OUTB, OUTC, and OUTD edges R/W When this bit is set, the falling edges of OUTA, OUTB, OUTC, and OUTD are always after the rising edges in one cycle during the soft start of open-loop operation. 5 SR1 and SR2 edges R/W This bit is valid only when Bit 7 of this register is set to 1. 0 = the rising edges of SR1 and SR2 always occur after the falling edges in one cycle during a soft start. 1 = the falling edges of SR1 and SR2 always occur after the rising edges in one cycle during a soft start. [4:3] Soft start speed of open-loop operation and open-loop feedforward operation R/W When the ADP1052 is configured for open-loop operation, the falling edge of the PWM output moves to the right in steps of 40 ns. When the ADP1052 is configured for open- loop feedforward operation, the modulation edge of the PWM output moves from the original position in steps of 40 ns. These bits specify how many switching cycles are required to move the PWM outputs in 40 ns. Bit 4 Bit 3 Open-Loop Soft Start Timing 0 0 The PWM outputs change 40 ns in one switching cycle. 0 1 The PWM outputs change 40 ns in four switching cycles. 1 0 The PWM outputs change 40 ns in 16 switching cycles. 1 1 The PWM outputs change 40 ns in 64 switching cycles. 2 Soft start variation for open-loop operation R/W Setting this bit enables global variation during the soft start of open-loop operation. 1 = all outputs use the time variation calculated by OUTB (tF2 − tR2). [1:0] Reserved R/W Reserved. BLANKING AND PGOOD SETTING REGISTERS Table 118. Register 0xFE0B—Flag Blanking During Soft Start Bits Bit Name/Function R/W Description 7 Blank SR_RC_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 6 Blank FLAGIN flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 5 Blank LIGHT_LOAD flag and DEEP_LIGHT_LOAD flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 4 Blank VIN_UV_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 3 Blank IIN_OC_FAST_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 2 Blank IOUT_OC_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 1 Blank CS3_OC_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. 0 Blank VOUT_OV_FAULT flag R/W 0 = blank this flag during soft start. 1 = do not blank this flag during soft start. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |